データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7WPB9307FK データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TC7WPB9307FK
部品情報  Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WPB9307FK データシート(HTML) 3 Page - Toshiba Semiconductor

  TC7WPB9307FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WPB9307FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WPB9307FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WPB9307FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WPB9307FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WPB9307FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WPB9307FK Datasheet HTML 7Page - Toshiba Semiconductor TC7WPB9307FK Datasheet HTML 8Page - Toshiba Semiconductor TC7WPB9307FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TC7WPB9306,9307FC/FK
2009-03-03
3
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
VCCA
0.5 to 7.0
Power supply voltage
VCCB
0.5 to 7.0
V
Control input voltage
VIN
0.5 to 7.0
V
Switch input/output voltage
VS
0.5 to 7.0
V
Clump diode current
IIK
50
mA
Switch input/output current
IS
64
mA
ICCA
±25
DC VCC/ground current per supply pin
ICCB
±25
mA
Power dissipation
PD
150(CSON8)
200(SSOP8)
mW
Storage temperature
Tstg
65 to 150
°C
Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
VCCA
1.65 to 5.0
Power supply voltage
(Note 2)
VCCB
2.3 to 5.5
V
Control input voltage
VIN
0 to 5.5
V
Switch input/output voltage
VS
0 to 5.5
V
Operating temperature
Topr
40 to 85
°C
Control input rise and fall times
dt/dv
0 to 10
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs and bus inputs must be tied to either VCCA or GND.
Note 2: The VCCA voltage must be lower than the VCCB voltage.


同様の部品番号 - TC7WPB9307FK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7WPB306FC TOSHIBA-TC7WPB306FC Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB306FK TOSHIBA-TC7WPB306FK Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB307FC TOSHIBA-TC7WPB307FC Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB307FK TOSHIBA-TC7WPB307FK Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB8306L8X TOSHIBA-TC7WPB8306L8X Datasheet
221Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2013-02-20 Rev.1.0
More results

同様の説明 - TC7WPB9307FK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MPB9307FT TOSHIBA-TC7MPB9307FT Datasheet
255Kb / 13P
   Low Voltage/Low Power 8-Bit Dual Supply Bus Switch
TC7SPB9306TU TOSHIBA-TC7SPB9306TU Datasheet
342Kb / 12P
   Low Voltage / Low Power 1-Bit Dual Supply Bus Switch
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPN3125FTG TOSHIBA-TC7MPN3125FTG Datasheet
307Kb / 22P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPB9326FT TOSHIBA-TC7MPB9326FT Datasheet
557Kb / 13P
   Low Voltage / Low Power Dual SPDT Supply Bus Switch
2017-02-23
TC7MP3245FTG TOSHIBA-TC7MP3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPN3245FTG TOSHIBA-TC7MPN3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPH3125FK TOSHIBA-TC7MPH3125FK Datasheet
343Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
TC7WPB306FC TOSHIBA-TC7WPB306FC Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7SP3125TU TOSHIBA-TC7SP3125TU Datasheet
224Kb / 10P
   Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com