データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPC8035-H データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TPC8035-H
部品情報  Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8035-H データシート(HTML) 6 Page - Toshiba Semiconductor

  TPC8035-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8035-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8035-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8035-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8035-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8035-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8035-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPC8035-H
2008-08-22
6
1
10
0.1
10
1
0.1
100
t =1 ms *
VDSS max
10 ms *
1000
100
1
0.0001
10
100
1000
0.01
0.1
1
10
100
1000
0.01
(2)
(1)
0.001
0.1
Drain-source voltage VDS (V)
rth – tw
Pulse width tw (s)
Safe operating area
Single - pulse
(1) Device mounted on a glass-epoxy board (a) (Note 2a)
(2) Device mounted on a glass-epoxy board (b) (Note 2b)
ID max (Pulse) *
* Single – pulse Ta = 25℃
Curves must be derated
linearly with increase in
temperature.


同様の部品番号 - TPC8035-H

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPC8035-H TOSHIBA-TPC8035-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC8035-H VBSEMI-TPC8035-H Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

同様の説明 - TPC8035-H

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPC8216-H TOSHIBA-TPC8216-H Datasheet
213Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPCA8040-H TOSHIBA-TPCA8040-H Datasheet
148Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8040-H TOSHIBA-TPC8040-H Datasheet
229Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPCA8036-H TOSHIBA-TPCA8036-H Datasheet
158Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8039-H TOSHIBA-TPC8039-H Datasheet
225Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8036-H TOSHIBA-TPC8036-H Datasheet
225Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPCA8028-H TOSHIBA-TPCA8028-H Datasheet
195Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPCA8046-H TOSHIBA-TPCA8046-H Datasheet
200Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
TPC8053-H TOSHIBA-TPC8053-H Datasheet
206Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
TPCA8049-H TOSHIBA-TPCA8049-H Datasheet
204Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com