データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPC8042 データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TPC8042
部品情報  Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8042 データシート(HTML) 6 Page - Toshiba Semiconductor

  TPC8042 Datasheet HTML 1Page - Toshiba Semiconductor TPC8042 Datasheet HTML 2Page - Toshiba Semiconductor TPC8042 Datasheet HTML 3Page - Toshiba Semiconductor TPC8042 Datasheet HTML 4Page - Toshiba Semiconductor TPC8042 Datasheet HTML 5Page - Toshiba Semiconductor TPC8042 Datasheet HTML 6Page - Toshiba Semiconductor TPC8042 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPC8042
2009-09-29
6
1000
t = 10 ms *
1 ms *
0.1
1
10
100
0.1
1
VDSS max
10
100
0.1
0.001
0.01
0.1
1
10
100
1000
1
10
100
1000
(2)
(1)
(1) Device mounted on a glass-epoxy board (a) (Note 2a)
(2) Device mounted on a glass-epoxy board (b) (Note 2b)
rth tw
Single pulse
Pulse width tw (s)
Drain
source voltage VDS (V)
Safe operating area
ID max (Pulse) *
* Single pulse Ta
= 25°C
Curves must be derated
linearly with increase in
temperature.


同様の部品番号 - TPC8042

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPC8042 TOSHIBA-TPC8042 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

同様の説明 - TPC8042

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPC8025 TOSHIBA-TPC8025 Datasheet
191Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8041 TOSHIBA-TPC8041 Datasheet
201Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPCP8006 TOSHIBA-TPCP8006 Datasheet
191Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
TPC8030 TOSHIBA-TPC8030 Datasheet
229Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8027 TOSHIBA-TPC8027 Datasheet
188Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8029 TOSHIBA-TPC8029 Datasheet
189Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8026 TOSHIBA-TPC8026 Datasheet
207Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
2009-09-29
TPCP8002 TOSHIBA-TPCP8002 Datasheet
228Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
   Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com