データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPC8121 データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TPC8121
部品情報  Field Effect Transistor Silicon P Channel MOS Type (U-MOS V)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8121 データシート(HTML) 4 Page - Toshiba Semiconductor

  TPC8121 Datasheet HTML 1Page - Toshiba Semiconductor TPC8121 Datasheet HTML 2Page - Toshiba Semiconductor TPC8121 Datasheet HTML 3Page - Toshiba Semiconductor TPC8121 Datasheet HTML 4Page - Toshiba Semiconductor TPC8121 Datasheet HTML 5Page - Toshiba Semiconductor TPC8121 Datasheet HTML 6Page - Toshiba Semiconductor TPC8121 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPC8121
2009-09-29
4
−100
−100
−16
−20
−5
−1.6
−2
−0.24
−0.3
VGS = −4 V
−10
10
100
−0.1
−1
−10
1
Ta
= −55°C
25
100
−0.1
−1
−10
0.1
1
10
100
−5.5
ID = −11A
−2.8
0
−4
−8
−12
0
−0.1
−0.2
−0.3
−0.4
−55°C
Ta
= 100°C
25°C
−1
−2
−3
−4
0
−8
−16
−24
−32
−40
0
0
−0.4
−0.8
−1.2
0
−8
−16
−24
−32
−40
−3.3
−3
−4
−8
−3.5
−3.7
−6
−5
VGS = −2.7V
−3.3
−10
−3
−4
−8
−2.7
0
−0.06
−0.12
−0.18
0
−2
−4
−6
−8
−10
−6
−5
VGS = −2.5 V
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
|Yfs| – ID
RDS (ON) – ID
Common source
Ta
= 25°C
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VDS = −10 V
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VDS = −10 V
Pulse test
Common source
Ta
= 25°C
Pulse test
Drain
−source voltage VDS (V)
Drain-source voltage VDS (V)
Gate
−source voltage VGS (V)
Gate
−source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)
−10
−3.5


同様の部品番号 - TPC8121

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPC8121 TOSHIBA-TPC8121 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC8121 VBSEMI-TPC8121 Datasheet
991Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

同様の説明 - TPC8121

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
SSM3J321T TOSHIBA-SSM3J321T Datasheet
214Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS V)
SSM6J409TU TOSHIBA-SSM6J409TU Datasheet
228Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS V)
SSM3J327F TOSHIBA-SSM3J327F Datasheet
192Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8124 TOSHIBA-TPC8124 Datasheet
263Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCA8106 TOSHIBA-TPCA8106 Datasheet
216Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM6J212FE TOSHIBA-SSM6J212FE Datasheet
196Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J130TU TOSHIBA-SSM3J130TU Datasheet
192Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCC8102 TOSHIBA-TPCC8102 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCM8102 TOSHIBA-TPCM8102 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCC8103 TOSHIBA-TPCC8103 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com