データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPC8122 データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TPC8122
部品情報  Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8122 データシート(HTML) 3 Page - Toshiba Semiconductor

  TPC8122 Datasheet HTML 1Page - Toshiba Semiconductor TPC8122 Datasheet HTML 2Page - Toshiba Semiconductor TPC8122 Datasheet HTML 3Page - Toshiba Semiconductor TPC8122 Datasheet HTML 4Page - Toshiba Semiconductor TPC8122 Datasheet HTML 5Page - Toshiba Semiconductor TPC8122 Datasheet HTML 6Page - Toshiba Semiconductor TPC8122 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPC8122
2009-09-29
3
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±20 V, VDS = 0 V
±100
nA
Drain cut-OFF current
IDSS
VDS = −30 V, VGS = 0 V
−10
μA
V (BR) DSS
ID = −10 mA, VGS = 0 V
−30
Drain-source breakdown voltage
V (BR) DSX
ID = −10 mA, VGS = 20 V
−13
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −1 mA
−0.8
−2.0
V
VGS = −4 V, ID = −6 A
11.5
16.5
Drain-source ON resistance
RDS (ON)
VGS = −10 V, ID = −6 A
6.3
8
m
Ω
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −6 A
15
30
S
Input capacitance
Ciss
2450
Reverse transfer capacitance
Crss
530
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
740
pF
Rise time
tr
12
Turn-ON time
ton
22
Fall time
tf
150
Switching time
Turn-OFF time
toff
Duty
≤ 1%, tw = 10 μs
360
ns
Total gate charge
(gate-source plus gate-drain)
Qg
62
Gate-source charge 1
Qgs1
10
Gate-drain (“miller”) charge
Qgd
VDD −24 V, VGS = −10 V,
ID = −12 A
19
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse
current
Pulse
(Note 1)
IDRP
−48
A
Forward voltage (diode)
VDSF
IDR = −12 A, VGS = 0 V
1.2
V
VDD −15 V
0 V
VGS
−10 V
ID = −6 A
VOUT


同様の部品番号 - TPC8122

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPC8122 TOSHIBA-TPC8122 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC8122 VBSEMI-TPC8122 Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

同様の説明 - TPC8122

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
SSM3J327F TOSHIBA-SSM3J327F Datasheet
192Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8124 TOSHIBA-TPC8124 Datasheet
263Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCA8106 TOSHIBA-TPCA8106 Datasheet
216Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM6J212FE TOSHIBA-SSM6J212FE Datasheet
196Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J130TU TOSHIBA-SSM3J130TU Datasheet
192Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCC8102 TOSHIBA-TPCC8102 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCM8102 TOSHIBA-TPCM8102 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCC8103 TOSHIBA-TPCC8103 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8123 TOSHIBA-TPC8123 Datasheet
279Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPC6110 TOSHIBA-TPC6110 Datasheet
237Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPC8128 TOSHIBA-TPC8128 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com