データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPCF8402 データシート(PDF) 10 Page - Toshiba Semiconductor

部品番号 TPCF8402
部品情報  Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8402 データシート(HTML) 10 Page - Toshiba Semiconductor

Back Button TPCF8402 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 7Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 8Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 9Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 10Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TPCF8402
2009-09-29
10
N-channel
rth – tw
Pulse width
tw (s)
1
0.001
10
100
1000
0.01
0.1
1
10
100
1000
Device mounted on a glass-epoxy board (a) (Note 2a)
(1)Single-device operation (Note 3a)
(2)Single-device value at dual operation (Note 3b)
Device mounted on a glass-epoxy board (b) (Note 2b)
(3)Single-device operation (Note 3a)
(4)Single-device value at dual operation (Note 3b)
(4)
(3)
(2)
(1)
Single Pulse
Drain-source voltage VDS (V)
Safe operating area
10
0.1
100
10
1
100
* Single pulse
Ta
= 25°C
Curves must be derated linearly with
increase in temperature.
ID max (Pulsed) *
10 ms *
1 ms *
VDSS
max
1
0.1


同様の部品番号 - TPCF8402

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCF8402 TOSHIBA-TPCF8402 Datasheet
274Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402 Datasheet
319Kb / 11P
   Portable Equipment Applications Motor Drive Applications DC-DC Converter Applications
TPCF8402 TOSHIBA-TPCF8402 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TPCF8402_0912 TOSHIBA-TPCF8402_0912 Datasheet
319Kb / 11P
   Portable Equipment Applications Motor Drive Applications DC-DC Converter Applications
More results

同様の説明 - TPCF8402

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402 Datasheet
274Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC8405 TOSHIBA-TPC8405 Datasheet
275Kb / 11P
   Field Effect Transistor Silicon N, P Channel MOS Type (P Channel U−MOS IV/N Channel U-MOS III)
TPC8025 TOSHIBA-TPC8025 Datasheet
191Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8041 TOSHIBA-TPC8041 Datasheet
201Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8027 TOSHIBA-TPC8027 Datasheet
188Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8029 TOSHIBA-TPC8029 Datasheet
189Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8042 TOSHIBA-TPC8042 Datasheet
207Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8030 TOSHIBA-TPC8030 Datasheet
229Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com