データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM11A データシート(PDF) 4 Page - Silicon Touch Technology Inc.

部品番号 DM11A
部品情報  8-bit Constant Current LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITI [Silicon Touch Technology Inc.]
ホームページ  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM11A データシート(HTML) 4 Page - Silicon Touch Technology Inc.

  DM11A Datasheet HTML 1Page - Silicon Touch Technology Inc. DM11A Datasheet HTML 2Page - Silicon Touch Technology Inc. DM11A Datasheet HTML 3Page - Silicon Touch Technology Inc. DM11A Datasheet HTML 4Page - Silicon Touch Technology Inc. DM11A Datasheet HTML 5Page - Silicon Touch Technology Inc. DM11A Datasheet HTML 6Page - Silicon Touch Technology Inc. DM11A Datasheet HTML 7Page - Silicon Touch Technology Inc. DM11A Datasheet HTML 8Page - Silicon Touch Technology Inc. DM11A Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
8-bit Constant Current LED Driver
Version:A.003
Page 3
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM11A
Pin Connection
Pin Description
PIN No.
PIN NAME
FUNCTION
1
GND
Ground terminal.
2
DAI
Serial data input terminal.
3
DCK
Synchronous clock input terminal for serial data transfer.
Data is sampled at the rising edge of DCK.
4
LAT
Input terminal of data strobe. Data on shift register goes
through at the high level of LAT (level trigger). Otherwise,
data is latched.
5~12
OUT0~7
Sink constant-current outputs (open-drain).
13
EN
Output enable terminal:
‘H’ for all outputs are turned off ,
‘L’ for all outputs are active.
14
DAO
Serial data output terminal.
15
REXT
External resistors connected between REXT and GND for
output current value setting.
16
VCC
Supply voltage terminal.


同様の部品番号 - DM11A

メーカー部品番号データシート部品情報
logo
Extech Instruments Corp...
DM110 EXTECH-DM110 Datasheet
148Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
DM110 EXTECH-DM110_15 Datasheet
250Kb / 1P
   Mini Pocket MultiMeter
logo
MicroPower Direct, LLC
DM111E MPD-DM111E Datasheet
217Kb / 2P
   UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
DM111E MPD-DM111E Datasheet
245Kb / 2P
   DM100E SERIES
DM112E MPD-DM112E Datasheet
217Kb / 2P
   UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
More results

同様の説明 - DM11A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
   8 BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
   8-Bit Constant Current LED Driver
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
   8-Bit Constant Current LED Driver
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
ams AG
AS1109 AMSCO-AS1109_04 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
   Constant-Current, 8-Bit LED Driver with Diagnostics
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
   Constant-Current, 8-Bit LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com