データシートサーチシステム |
|
TSC80C51T-20IE データシート(PDF) 10 Page - TEMIC Semiconductors |
|
TSC80C51T-20IE データシート(HTML) 10 Page - TEMIC Semiconductors |
10 / 19 page TSC80C31/80C51 Rev. E (14 Jan.97) 10 MATRA MHS Absolute Maximum Ratings* Ambient Temperature Under Bias : A = Automotive –40 °C to +125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage Temperature –65 °C to + 150°C . . . . . . . . . . . . . . . . . . . . . . . . Voltage on VCC to VSS –0.5 V to + 7 V . . . . . . . . . . . . . . . . . . . . . . . . Voltage on Any Pin to VSS –0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . Power Dissipation 1 W** . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ** This value is based on the maximum allowable die temperature and the thermal resistance of the package * Notice Stresses above those listed under “ Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. DC Parameters TA = –40 °C + 125°C ; VSS = 0 V ; VCC = 5 V ± 10 % ; F = 0 to 40 MHz Symbol Parameter Min Typ (3) Max Unit Test Conditions VIL Input Low Voltage – 0.5 0.2 Vcc – 0.1 V VIH Input High Voltage (Except XTAL and RST) 0.2 Vcc + 0.9 Vcc + 0.5 V VIH1 Input High Voltage (for XTAL and RST) 0.7 Vcc Vcc + 0.5 V VOL Output Low Voltage (Port 1, 2 and 3) (4) 0.3 0.45 1.0 V V V IOL = 100 µA IOL = 1.6 mA (2) IOL = 3.5 mA VOL1 Output Low Voltage (Port 0, ALE, PSEN) (4) 0.3 0.45 1.0 V V V IOL = 200 µA IOL = 3.2 mA (2) IOL = 7.0 mA VOH Output High Voltage Port 1, 2 and 3 Vcc – 0.3 V IOH = – 10 µA Vcc – 0.7 V IOH = – 30 µA Vcc – 1.5 V IOH = – 60 µA VCC = 5 V ± 10 % VOH1 Output High Voltage (Port 0, ALE, PSEN) Vcc – 0.3 V IOH = – 200 µA Vcc – 0.7 V IOH = – 3.2 mA Vcc – 1.5 V IOH = – 7.0 mA VCC = 5 V ± 10 % IIL Logical 0 Input Current (Ports 1, 2 and 3) – 75 µA Vin = 0.45 V ILI Input leakage Current ±10 µA 0.45 < Vin < Vcc ITL Logical 1 to 0 Transition Current (Ports 1, 2 and 3) – 750 µA Vin = 2.0 V IPD Power Down Current 5 75 µA Vcc = 2.0 V to 5.5 V (1) RRST RST Pulldown Resistor 50 90 200 K W CIO Capacitance of I/O Buffer 10 pF fc = 1 MHz, Ta = 25 _C ICC Power Supply Current Freq = 1 MHz Icc op Icc idle Freq = 6 MHz Icc op Icc idle Freq ≥ 12 MHz Icc op max = 0.9 Freq (MHz) + 5 0.7 0.5 4.2 1.4 1.8 1 9 3.5 mA mA mA mA mA Vcc = 5.5 V Freq ≥ 12 MHz Icc op max = 0.9 Freq (MHz) + 5 Icc idle max = 0.3 Freq (MHz) + 1.7 Freq ≤ 20 MHz Icc op typ = 0.7 Freq (MHz) Freq ≥ 20 MHz Icc op typ = 0.5 Freq (MHz) + 4 Freq ≤ 20 MHz Icc idle typ = 0.16 Freq (MHz) + 0.4 Freq ≥ 20 MHz Icc idle typ = 0.12 Freq (MHz) + 1.2 mA mA mA mA mA mA |
同様の部品番号 - TSC80C51T-20IE |
|
同様の説明 - TSC80C51T-20IE |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |