データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1115C データシート(PDF) 3 Page - Silicon Touch Technology Inc.

部品番号 ST1115C
部品情報  PWM Speed Control Double Coil Brushless DC Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITI [Silicon Touch Technology Inc.]
ホームページ  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1115C データシート(HTML) 3 Page - Silicon Touch Technology Inc.

  ST1115C Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1115C Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1115C Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1115C Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1115C Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1115C Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1115C Datasheet HTML 7Page - Silicon Touch Technology Inc. ST1115C Datasheet HTML 8Page - Silicon Touch Technology Inc. ST1115C Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1115C/ST1115D
SP-ST1115CD-A.005
Version
:A.005
Page
:2
Pin Assignment
Pin NO.
Pin Name
Description
1
GND
Ground
2
FGR
Rotation Detection Output (for ST1115C)
Fan Tachometer Output (for ST1115D)
3
CF
Lock Timing Capacitor
4
VT
Input pin for PWM duty control
5
HIN
Input pin from Hall Latch IC
6
O2
Output driver 2
7
VDD
Power supply
8
O1
Output driver 1
Absolute Maximum Ratings
( TA=25℃ )
Characteristic
Symbol
Rating
Unit
Supply Voltage
VDD
14
V
Input Voltage
VIN
VDD+0.4
V
Output Current at Lock
IOUT
1000
mA
Output Current at Operating
IOPR
600
mA
Power Dissipation (SOP8)
PD
0.68
W
Power Dissipation (MSOP8)
PD
0.48
W
Operating Temperature Range
TA
-40 ~ 125
°C
Storage Temperature Range
TS
-65 ~ 150
°C
O2
HIN
FGR
CF
VT
VDD
O1
GND


同様の部品番号 - ST1115C

メーカー部品番号データシート部品情報
logo
Silicon Touch Technolog...
ST1115J SITI-ST1115J Datasheet
176Kb / 7P
   Flexible PWM Speed Control Double Coil Brushless DC Motor Pre-Driver
More results

同様の説明 - ST1115C

メーカー部品番号データシート部品情報
logo
Silicon Touch Technolog...
ST1115J SITI-ST1115J Datasheet
176Kb / 7P
   Flexible PWM Speed Control Double Coil Brushless DC Motor Pre-Driver
ST1116B SITI-ST1116B Datasheet
179Kb / 7P
   Variable Speed Double Coil DC Brushless Motor Driver
ST1116A SITI-ST1116A Datasheet
181Kb / 7P
   Variable Speed Double Coil Brushless DC Motor Driver
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
logo
Shaoxing Devechip Micro...
SDC1576 SDC-SDC1576 Datasheet
414Kb / 11P
   Single-Coil Brushless DC Motor Driver
logo
Silicon Touch Technolog...
ST1114E SITI-ST1114E Datasheet
126Kb / 7P
   Double Coil Brushless DC Motor Driver ( 1.8 to 16 Volts )
ST1111J SITI-ST1111J Datasheet
180Kb / 8P
   PWM Input Control Single Coil Brushless DC Motor Drivers ( 1.5 to 7.5 Volts )
logo
Sanyo Semicon Device
LB1947 SANYO-LB1947 Datasheet
60Kb / 7P
   PWM Current Control Type DC Motor Driver
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
Allegro MicroSystems
STA6940M ALLEGRO-STA6940M Datasheet
490Kb / 19P
   Brushed DC Motor Driver IC With PWM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com