データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1117B データシート(PDF) 5 Page - Silicon Touch Technology Inc.

部品番号 ST1117B
部品情報  Single Coil Brushless DC Motor Drivers ( 1.5 to 8.5 Volts )
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITI [Silicon Touch Technology Inc.]
ホームページ  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1117B データシート(HTML) 5 Page - Silicon Touch Technology Inc.

  ST1117B Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1117B Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1117B Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1117B Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1117B Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1117B Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1117B Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1117A / ST1117B /ST1117C
SP-ST1117ABC-A.007
Version
:A.007
Page
:4
Application Notes
With low voltage start-up feature, the device is operated within wide supply
voltage range from 1.5 to 7.5 Volts. The design, specifications and performance
have been optimized for 3V and 5V brushless DC motor applications.
The output driver node O1/O2 will be “turned to sink/drive” for V(HIN) = logic
low. Similarly, the output O1/O2 will be “turned to drive/sink” for V(HIN) =
logic high .
The FGR pin is an open-drained output. The output frequency is dividing the hall
switching frequency with 2 for ST1117A, the same frequency with hall switching
for ST1117B, and the rotating detection for ST1117C. With suitable pull up, the
fan tachometer output can be used directly with bipolar or MOS logic for motor
speed monitoring/control. To get better FG signal output, increasing stability of
power system is required.
The pull up resistor about 20KΩ is connected to PWM pin. The PWM command
is active high. If low acoustic noise is desired, the PWM frequency range below
200Hz or 20KHz ~ 40KHz is recommended.
There is no need of external timing capacitor for lock protection and auto-restart
function. For 5V application, the drivers will be shut down roughly 1 to 3 seconds
after the motor is locked. When the drivers have been shut down, the automatic
self-restart circuit will try to power up the drivers every 1 to 3 seconds until lock
is released.
There is no requirement of protection diode for power reverse fault in normal
applications. The power polarity reverse protection circuit is built-in.
The capacitor between two ends of coil ( *3 in application circuit) is proposed to
connect 0.1μF for PWM application and 1μF for full-speed application.
The connection of the capacitor or Zener Diode (*1 in application circuit)
between VDD and GND, the capacitor (*2 in application circuit) between two
Hall sensor output and the capacitor (*3 in application circuit) between two ends
of coil will increase system stability when motor is rotating.


同様の部品番号 - ST1117B

メーカー部品番号データシート部品情報
logo
Seiko Instruments Inc
ST111 SII-ST111 Datasheet
406Kb / 23P
   HIGH RIPPLE-REJECTION
logo
E-SWITCH
ST111000 E-SWITCH-ST111000 Datasheet
158Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST111001 E-SWITCH-ST111001 Datasheet
115Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST111003 E-SWITCH-ST111003 Datasheet
127Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST111004 E-SWITCH-ST111004 Datasheet
120Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

同様の説明 - ST1117B

メーカー部品番号データシート部品情報
logo
Silicon Touch Technolog...
ST1111N SITI-ST1111N Datasheet
122Kb / 7P
   Single Coil Brushless DC Motor Drivers ( 1.5 to 7.5 Volts )
ST1111J SITI-ST1111J Datasheet
180Kb / 8P
   PWM Input Control Single Coil Brushless DC Motor Drivers ( 1.5 to 7.5 Volts )
FD177 SITI-FD177 Datasheet
251Kb / 8P
   Single Coil Brushless DC Motor Drivers with Soft-Switching( 2.0 to 6.5 Volts )
11-FD212 SITI-11-FD212 Datasheet
196Kb / 8P
   Single Coil Brushless DC Motor Drivers Built-in Hall Sensor ( 2 to 5.5 Volts )
ST1112S SITI-ST1112S Datasheet
372Kb / 9P
   Single Coil Brushless DC Motor Drivers Built-in Hall Sensor ( 2 to 7.5 Volts )
FD178 SITI-FD178 Datasheet
302Kb / 10P
   Single Coil Brushless DC Motor Drivers with Soft-Switching and PWM control ( 2.0 to 6.5 Volts )
logo
Shaoxing Devechip Micro...
SDC1576 SDC-SDC1576 Datasheet
414Kb / 11P
   Single-Coil Brushless DC Motor Driver
logo
Silicon Touch Technolog...
ST1114E SITI-ST1114E Datasheet
126Kb / 7P
   Double Coil Brushless DC Motor Driver ( 1.8 to 16 Volts )
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
logo
Rohm
BD6989FVM-TR ROHM-BD6989FVM-TR Datasheet
1Mb / 17P
   Low-voltage Single-phase Full-wave DC Brushless Fan Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com