データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1155A データシート(PDF) 3 Page - Silicon Touch Technology Inc.

部品番号 ST1155A
部品情報  Low-saturation, Low-voltage Bi-directional Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITI [Silicon Touch Technology Inc.]
ホームページ  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1155A データシート(HTML) 3 Page - Silicon Touch Technology Inc.

  ST1155A Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1155A Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1155A Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1155A Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1155A Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1155A Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1155A Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1155A
ST1155A_A05.doc
Version: A.05
-2-
PIN NO. PIN NAME
DESCRIPTION
1
VDD
Power supply pin for controller.
2
ENA1
Input pin that enable/disable drivers O1/O2.
3
O1
Output sinking / driving pin.
4
VS1
Power supply pin for output driver O1/ O2.
5
O2
Output sinking / driving pin.
6
IN1
Input pin that determines driving mode
7
GND
Ground pin
8
NC
No connecting
9
IN2
Input pin that determines driving mode.
10
O4
Output sinking / driving pin.
11
VS2
Power supply pin for output driver O3/ O4.
12
O3
Output sinking / driving pin.
13
ENA2
Input pin that enable/disable drivers O3/O4.
14
GND
Ground pin
Absolute Maximum Ratings ( Unless otherwise noted, TA= 25)
Characteristic
Symbol
Rating
Unit
VDD
5.5
V
Supply Voltage
VS
3.5
V
Input Voltage
VIN
VDD+0.4
V
IO
Peak
Current
(in
parallel
connection)
IOPeak
3
A
Power Dissipation
PD
800
mW
Operating Temperature Range
TOPR
-40 ~ 125
°C
Storage Temperature Range
TSTG
-65 ~ 150
°C


同様の部品番号 - ST1155A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ST1155A ETC1-ST1155A Datasheet
276Kb / 7P
   Low-saturation, Low-voltage bi-directional Motor Driver
More results

同様の説明 - ST1155A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ST1155A ETC1-ST1155A Datasheet
276Kb / 7P
   Low-saturation, Low-voltage bi-directional Motor Driver
logo
Silicon Touch Technolog...
11-MD123 SITI-11-MD123 Datasheet
245Kb / 8P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152A SITI-ST1152A Datasheet
233Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155B SITI-ST1155B Datasheet
257Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152B SITI-ST1152B Datasheet
204Kb / 10P
   Low-saturation, Low-voltage Bi-directional Motor Driver
11-MD124 SITI-11-MD124 Datasheet
244Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
logo
List of Unclassifed Man...
ST1151A ETC-ST1151A Datasheet
250Kb / 6P
   Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
logo
Silicon Touch Technolog...
ST1153A SITI-ST1153A Datasheet
275Kb / 7P
   Low-saturation, Low-voltage Bi-directional Multi-Channels Motor Driver
logo
Unisonic Technologies
UH251 UTC-UH251 Datasheet
111Kb / 4P
   LOW-SATURATION, LOW-VOLTAGE 1.5 CHANNEL BI-DIRECTIONAL MOTOR DRIVER
logo
Global Mixed-mode Techn...
G2006 GMT-G2006 Datasheet
41Kb / 1P
   Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com