データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM358N データシート(PDF) 6 Page - Motorola, Inc

部品番号 LM358N
部品情報  DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM358N データシート(HTML) 6 Page - Motorola, Inc

  LM358N Datasheet HTML 1Page - Motorola, Inc LM358N Datasheet HTML 2Page - Motorola, Inc LM358N Datasheet HTML 3Page - Motorola, Inc LM358N Datasheet HTML 4Page - Motorola, Inc LM358N Datasheet HTML 5Page - Motorola, Inc LM358N Datasheet HTML 6Page - Motorola, Inc LM358N Datasheet HTML 7Page - Motorola, Inc LM358N Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LM358, LM258, LM2904, LM2904V
6
MOTOROLA ANALOG IC DEVICE DATA
2
1
Vref =VCC
1
2
Figure 12. Function Generator
Figure 13. Multiple Feedback Bandpass Filter
For less than 10% error from operational amplifier.
If source impedance varies, filter may be preceded with voltage
follower buffer to stabilize filter parameters.
Where fo and BW are expressed in Hz.
Qo fo
BW
< 0.1
Given:
fo = center frequency
A(fo) = gain at center frequency
Choose value fo, C
Then:
R3 =
Q
π fo C
R3
R1 =
2 A(fo)
R1 R3
4Q2 R1 –R3
R2 =
+
+
+
Vref =VCC
Vref
f =
R1 + RC
4 CRf R1
R3 =
R2 R1
R2 + R1
R2
300 k
75 k
R3
R1
C
Triangle Wave
Output
Square
Wave
Output
VCC
R3
R1
R2
Vref
Vin
C
C
VO
CO
CO = 10 C
Rf
if,
1/2
LM358
Vref
1/2
LM358
1/2
LM358
100 k


同様の部品番号 - LM358N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM358N NSC-LM358N Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM358N STMICROELECTRONICS-LM358N Datasheet
318Kb / 20P
   Low power dual operational amplifiers
logo
ON Semiconductor
LM358N ONSEMI-LM358N Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
LM358N ONSEMI-LM358N Datasheet
137Kb / 14P
   Single Supply Dual Operational Amplifiers
July, 2004 ??Rev. 18
logo
NXP Semiconductors
LM358N PHILIPS-LM358N Datasheet
122Kb / 12P
   Low power dual operational amplifi
2002 Jul 12
More results

同様の説明 - LM358N

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
First Components Intern...
LM358 FCI-LM358 Datasheet
262Kb / 4P
   Dual Differential Input Operational Amplifiers
logo
ON Semiconductor
MC3458 ONSEMI-MC3458 Datasheet
158Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
REV 0
MC3403 ONSEMI-MC3403 Datasheet
165Kb / 8P
   QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Linear Technology
LF412A LINER-LF412A_15 Datasheet
492Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Sanyo Semicon Device
LA6082D SANYO-LA6082D Datasheet
108Kb / 5P
   J-FET Input Dual Operational Amplifiers
logo
Mitsubishi Electric Sem...
M5238FP MITSUBISHI-M5238FP Datasheet
156Kb / 4P
   DUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com