データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST20-48-2.5S データシート(PDF) 1 Page - Arch Electronics Corp.

部品番号 ST20-48-2.5S
部品情報  Encapsulated DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARCH [Arch Electronics Corp.]
ホームページ  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ST20-48-2.5S データシート(HTML) 1 Page - Arch Electronics Corp.

  ST20-48-2.5S Datasheet HTML 1Page - Arch Electronics Corp. ST20-48-2.5S Datasheet HTML 2Page - Arch Electronics Corp. ST20-48-2.5S Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : B_1
update : 98.04.09
Encapsulated DC-DC Converter
ST20 SERIES
20 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
ST20-24-2.5S
ST20-24-3.3S
ST20-24-5S
Max. Output Wattage (W)
12.5W
14W
20W
Input Voltage (V.DC.)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Outut Voltage (V.DC.)
2.5V / 4000mA
3.3V / 4000mA
5V / 4000mA
Efficiency
83%
86%
87%
Model No.
ST20-48-2.5S
ST20-48-3.3S
ST20-48-5S
Max. Output Wattage (W)
12.5W
14W
20W
Input Voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Outut Voltage (V.DC.)
2.5V / 4000mA
3.3V / 4000mA
5V / 4000mA
Efficiency
83%
86%
87%
Model No.
ST20-24-2.5S
ST20-24-3.3S
ST20-24-5S
ST20-48-2.5S
ST20-48-3.3S
ST20-48-5S
Max Output Wattage (W)
12.5W
14W
20W
12.5W
14W
20W
Input
Input Filter
π type
Voltage (V.DC.)
2.5
3.3
5
2.5
3.3
5
Voltage Accuracy
±2%
Current (mA) max
4000
4000
4000
4000
4000
4000
Line Regulation (LL-HL) (typ.)
±0.5%
Load Regulation (10-100%) (typ.)
±1%
Ripple
110mV max (Vp-p)
Noise
200mV max (Vp-p)
Efficiency
83%
86%
87%
83%
86%
87%
Output
Switching Frequency
400KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Current limit, auto-recovery
Protection
Transient Response
≦500 us (100% to 50% full load at
±1% error band)
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
±0.02% Per°C
Humidity
95% RH
Environment
MTBF
>550,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.97 x 1.0 x 0.425 Inches ( 50.1 x 25.4 x 10.8 mm ) Tolerance
±0.5 mm
Case Material
Nickel-Coated Copper with Non-conductive Base, Six-side Shielded
Weight
32 g
Physical
Cooling Method
Free-air convection
Safety
Agency Approvals
CE, UL
EMC
EMI (Conducted & Radiated Emission)
EN 55022 class A
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
KEY FEATURES
Power Module for PCB Mountable
2:1 Input Range
Synchronous Rectifier Topology
Regulated Output
Low Ripple and Noise
Screw Terminal For Optional
Remote ON/OFF Control (Optional)
Standard 2” x 1” Package and Pinout
CE, UL
Approval
2 Years Product Warranty


同様の部品番号 - ST20-48-2.5S

メーカー部品番号データシート部品情報
logo
Arch Electronics Corp.
ST20-48-2.5S ARCH-ST20-48-2.5S Datasheet
194Kb / 3P
   Power Module for PCB Mountable
More results

同様の説明 - ST20-48-2.5S

メーカー部品番号データシート部品情報
logo
Arch Electronics Corp.
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
   Encapsulated DC-DC Converter
ZB15 ARCH-ZB15 Datasheet
106Kb / 3P
   Encapsulated DC-DC Converter
logo
List of Unclassifed Man...
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
logo
Arch Electronics Corp.
SB03 ARCH-SB03 Datasheet
110Kb / 2P
   Encapsulated DC-DC Converter
SB08 ARCH-SB08 Datasheet
120Kb / 3P
   Encapsulated DC-DC Converter
ST10 ARCH-ST10 Datasheet
165Kb / 4P
   Encapsulated DC-DC Converter
ST30 ARCH-ST30 Datasheet
192Kb / 4P
   Encapsulated DC-DC Converter
SU20 ARCH-SU20 Datasheet
222Kb / 4P
   Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5_16 Datasheet
136Kb / 2P
   Encapsulated DC - DC Converter
SK40 ARCH-SK40 Datasheet
171Kb / 3P
   Encapsulated DC-DC Converter
More results


Html Pages

1 2 3