データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-45D32CD641 データシート(PDF) 10 Page - Elpida Memory

部品番号 MC-45D32CD641
部品情報  32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ELPIDA [Elpida Memory]
ホームページ  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-45D32CD641 データシート(HTML) 10 Page - Elpida Memory

Back Button MC-45D32CD641 Datasheet HTML 6Page - Elpida Memory MC-45D32CD641 Datasheet HTML 7Page - Elpida Memory MC-45D32CD641 Datasheet HTML 8Page - Elpida Memory MC-45D32CD641 Datasheet HTML 9Page - Elpida Memory MC-45D32CD641 Datasheet HTML 10Page - Elpida Memory MC-45D32CD641 Datasheet HTML 11Page - Elpida Memory MC-45D32CD641 Datasheet HTML 12Page - Elpida Memory MC-45D32CD641 Datasheet HTML 13Page - Elpida Memory MC-45D32CD641 Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Preliminary Data Sheet E0032N10
10
Serial PD
(1/2)
Byte No.
Function Described
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Notes
0
Defines the number of bytes written into
serial PD memory
80H
1
0
0
0
0
0
0
0
128 bytes
1
Total number of bytes of serial PD memory
08H
0
0
0
0
1
0
0
0
256 bytes
2
Fundamental memory type
07H
0
0
0
0
0
1
1
1
DDR SDRAM
3
Number of rows
0CH
0
0
0
0
1
1
0
0
12 rows
4
Number of columns
0AH
0
0
0
0
1
0
1
0
10 columns
5
Number of banks
02H
0
0
0
0
0
0
1
0
2 banks
6
Data width
40H
0
1
0
0
0
0
0
0
64 bits
7
Data width (continued)
00H
0
0
0
0
0
0
0
0
0
8
Voltage interface
04H
0
0
0
0
0
1
0
0
SSTL_2
9
CL = 2.5 Cycle time
-C75
75H
0
1
1
1
0
1
0
1
7.5 ns
-C80
80H
1
0
0
0
0
0
0
0
8 ns
10
CL = 2.5 Access time
-C75
75H
0
1
1
1
0
1
0
1
0.75 ns
-C80
80H
1
0
0
0
0
0
0
0
0.8 ns
11
DIMM configuration type
00H
0
0
0
0
0
0
0
0
None
12
Refresh rate/type
80H
1
0
0
0
0
0
0
0
Normal
13
SDRAM width
08H
0
0
0
0
1
0
0
0
x8
14
Error checking SDRAM width
00H
0
0
0
0
0
0
0
0
None
15
Minimum clock delay
01H
0
0
0
0
0
0
0
1
1 clock
16
Burst length supported
0EH
0
0
0
0
1
1
1
0
2, 4, 8
17
Number of banks on each SDRAM
04H
0
0
0
0
0
1
0
0
4 banks
18
/CAS latency supported
0CH
0
0
0
0
1
1
0
0
2, 2.5
19
/CS latency supported
01H
0
0
0
0
0
0
0
1
0
20
/WE latency supported
02H
0
0
0
0
0
0
1
0
1
21
SDRAM module attributes
20H
0
0
1
0
0
0
0
0
Differential Clock
22
SDRAM device attributes : General
00H
0
0
0
0
0
0
0
0
VDD
± 0.2 V
23
CL = 2 Cycle time
-C75
A0H
1
0
1
0
0
0
0
0
10 ns
-C80
A0H
1
0
1
0
0
0
0
0
10 ns
24
CL = 2 Access time
-C75
75H
0
1
1
1
0
1
0
1
0.75 ns
-C80
80H
1
0
0
0
0
0
0
0
0.8 ns
25-26
27
tRP(MIN.)
-C75
50H
0
1
0
1
0
0
0
0
20 ns
-C80
50H
0
1
0
1
0
0
0
0
20 ns
28
tRRD(MIN.)
-C75
3CH
0
0
1
1
1
1
0
0
15 ns
-C80
3CH
0
0
1
1
1
1
0
0
15 ns
29
tRCD(MIN.)
-C75
50H
0
1
0
1
0
0
0
0
20 ns
-C80
50H
0
1
0
1
0
0
0
0
20 ns
30
tRAS(MIN.)
-C75
2DH
0
0
1
0
1
1
0
1
45 ns
-C80
32H
0
0
1
1
0
0
1
0
50 ns
31
Module bank density
20H
0
0
1
0
0
0
0
0
128M bytes


同様の部品番号 - MC-45D32CD641

メーカー部品番号データシート部品情報
logo
NEC
MC-45D32CD641 NEC-MC-45D32CD641 Datasheet
250Kb / 6P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D32CD641KFA-C75 NEC-MC-45D32CD641KFA-C75 Datasheet
250Kb / 6P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D32CD641KFA-C80 NEC-MC-45D32CD641KFA-C80 Datasheet
250Kb / 6P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

同様の説明 - MC-45D32CD641

メーカー部品番号データシート部品情報
logo
NEC
MC-45D32CD641 NEC-MC-45D32CD641 Datasheet
250Kb / 6P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D16CB641 NEC-MC-45D16CB641 Datasheet
244Kb / 6P
   16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CB641 ELPIDA-MC-45D16CB641 Datasheet
170Kb / 16P
   16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D32CC721 NEC-MC-45D32CC721 Datasheet
259Kb / 6P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D32CC721 ELPIDA-MC-45D32CC721 Datasheet
190Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB647 NEC-MC-458CB647 Datasheet
190Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com