データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC856B データシート(PDF) 5 Page - Weitron Technology

部品番号 BC856B
部品情報  PNP Dual General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEITRON [Weitron Technology]
ホームページ  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC856B データシート(HTML) 5 Page - Weitron Technology

  BC856B Datasheet HTML 1Page - Weitron Technology BC856B Datasheet HTML 2Page - Weitron Technology BC856B Datasheet HTML 3Page - Weitron Technology BC856B Datasheet HTML 4Page - Weitron Technology BC856B Datasheet HTML 5Page - Weitron Technology BC856B Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Figure 13. Thermal Response
Figure 14. Active Region Safe Operating Area
°
°
The safe operating area curves indicate IC–VCE limits of the
transistor that must be observed for reliable operation. Collector
load lines for specific circuits must fall below the limits indicated
by the applicable curve.
The data of Figure 14 is based upon TJ(pk) = 150°C; TC or TA
is variable depending upon conditions. Pulse curves are valid
for duty cycles to 10% provided TJ(pk) ≤ 150°C. TJ(pk) may be
calculated from the data in Figure 13. At high case or ambient
temperatures, thermal limitations will reduce the power that can
be handled to values less than the limitations imposed by the
secondary breakdown.
θ
θ
θ
°
θ
BC856BDW Series
WEITRON
http://www.weitron.com.tw
14-Nov-07
5/6


同様の部品番号 - BC856B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BC856B PHILIPS-BC856B Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Yea Shin Technology Co....
BC856B YEASHIN-BC856B Datasheet
922Kb / 7P
   General Purpose Transistors
logo
Taiwan Semiconductor Co...
BC856B TSC-BC856B Datasheet
88Kb / 3P
   0.2 Watts PNP Plastic-Encapsulate Transistors
logo
FutureWafer Tech Co.,Lt...
BC856B FUTUREWAFER-BC856B Datasheet
1Mb / 12P
   PNP Silicon Epitaxial General Purpose Transistors
logo
SeCoS Halbleitertechnol...
BC856B SECOS-BC856B Datasheet
263Kb / 3P
   BC856A
More results

同様の説明 - BC856B

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
HBP3906S6R CYSTEKEC-HBP3906S6R Datasheet
152Kb / 4P
   Dual General Purpose PNP Transistors
logo
SeCoS Halbleitertechnol...
UMT1N SECOS-UMT1N_15 Datasheet
98Kb / 1P
   Dual PNP General Purpose Transistors
logo
Cystech Electonics Corp...
HBP3906S6R CYSTEKEC-HBP3906S6R_17 Datasheet
323Kb / 7P
   Dual General Purpose PNP Transistors
logo
Weitron Technology
BC846BPDW WEITRON-BC846BPDW Datasheet
517Kb / 9P
   NPN/PNP Dual General Purpose Transistors
logo
Leshan Radio Company
BC856BDW1T1 LRC-BC856BDW1T1 Datasheet
164Kb / 5P
   Dual General Purpose Transistors(PNP Duals)
logo
Weitron Technology
MMDT2227DW WEITRON-MMDT2227DW Datasheet
131Kb / 5P
   NPNPNP Dual General Purpose Transistors
logo
Leshan Radio Company
LBC807-16DMT1G LRC-LBC807-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors PNP Duals
logo
Cystech Electonics Corp...
HBP2907S6R CYSTEKEC-HBP2907S6R Datasheet
193Kb / 5P
   General Purpose PNP Epitaxial Planar Transistors(dual transistors)
HBP1037S6R CYSTEKEC-HBP1037S6R Datasheet
203Kb / 5P
   General Purpose PNP Epitaxial Planar Transistors (dual transistors)
logo
SeCoS Halbleitertechnol...
UMT1N SECOS-UMT1N Datasheet
104Kb / 1P
   -0.15A , -60V Dual PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com