データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-4532CD647XF-A75 データシート(PDF) 6 Page - Elpida Memory

部品番号 MC-4532CD647XF-A75
部品情報  32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ELPIDA [Elpida Memory]
ホームページ  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4532CD647XF-A75 データシート(HTML) 6 Page - Elpida Memory

Back Button MC-4532CD647XF-A75 Datasheet HTML 2Page - Elpida Memory MC-4532CD647XF-A75 Datasheet HTML 3Page - Elpida Memory MC-4532CD647XF-A75 Datasheet HTML 4Page - Elpida Memory MC-4532CD647XF-A75 Datasheet HTML 5Page - Elpida Memory MC-4532CD647XF-A75 Datasheet HTML 6Page - Elpida Memory MC-4532CD647XF-A75 Datasheet HTML 7Page - Elpida Memory MC-4532CD647XF-A75 Datasheet HTML 8Page - Elpida Memory MC-4532CD647XF-A75 Datasheet HTML 9Page - Elpida Memory MC-4532CD647XF-A75 Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
MC-4532CD647
Data Sheet E0054N20
DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
Parameter
Symbol
Test condition
MIN. MAX.
Unit
Notes
Operating current
ICC1
Burst length = 1
/CAS latency = 2
1,040
mA
1
tRC
≥ tRC(MIN.), IO = 0 mA
/CAS latency = 3
1,080
Precharge standby current in
ICC2P
CKE
≤ VIL(MAX.), tCK = 15 ns
16
mA
power down mode
ICC2PS CKE
≤ VIL(MAX.), tCK = ∞
16
Precharge standby current in
non power down mode
ICC2N
CKE
≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.),
Input signals are changed one time during 30 ns.
320
mA
ICC2NS CKE
≥ VIH(MIN.), tCK = ∞ Input signals are stable.
128
Active standby current in
ICC3P
CKE
≤ VIL(MAX.), tCK = 15 ns
80
mA
power down mode
ICC3PS CKE
≤ VIL(MAX.), tCK = ∞
64
Active standby current in
ICC3N
CKE
≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.),
480
mA
non power down mode
Input signals are changed one time during 30 ns.
ICC3NS CKE
≥ VIH(MIN.), tCK = ∞, Input signals are stable.
320
Operating current
ICC4
tCK
≥ tCK(MIN.)
/CAS latency = 2
1,200
mA
2
(Burst mode)
IO = 0 mA
/CAS latency = 3
1,480
CBR (Auto) refresh current
ICC5
tRC
≥ tRC(MIN.)
/CAS latency = 2
2,080
mA
3
/CAS latency = 3
2,160
Self refresh current
ICC6
CKE
≤ 0.2 V
32
mA
Input leakage current
II(L)
VI = 0 to 3.6 V, All other pins not under test = 0 V
– 16
+ 16
µA
CKE1 – 500 +500
Output leakage current
IO(L)
DOUT is disabled, VO = 0 to 3.6 V
– 3
+ 3
µA
High level output voltage
VOH
IO = – 4.0 mA
2.4
V
Low level output voltage
VOL
IO = + 4.0 mA
0.4
V
Notes 1. ICC1 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC1 is measured on condition that addresses are changed only one time during tCK (MIN.).
2. ICC4 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC4 is measured on condition that addresses are changed only one time during tCK (MIN.).
3. ICC5 is measured on condition that addresses are changed only one time during tCK (MIN.).


同様の部品番号 - MC-4532CD647XF-A75

メーカー部品番号データシート部品情報
logo
Elpida Memory
MC-4532CD647XFA ELPIDA-MC-4532CD647XFA Datasheet
171Kb / 14P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD647XFA-A75 ELPIDA-MC-4532CD647XFA-A75 Datasheet
171Kb / 14P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

同様の説明 - MC-4532CD647XF-A75

メーカー部品番号データシート部品情報
logo
Elpida Memory
MC-4532CD647XFA ELPIDA-MC-4532CD647XFA Datasheet
171Kb / 14P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD646 NEC-MC-4532CD646 Datasheet
148Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD647 NEC-MC-4532CD647 Datasheet
207Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45V32AD642 ELPIDA-MC-45V32AD642 Datasheet
162Kb / 16P
   32M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC727 NEC-MC-4532CC727 Datasheet
220Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC727 ELPIDA-MC-4532CC727 Datasheet
172Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CC727XFA ELPIDA-MC-4532CC727XFA Datasheet
174Kb / 14P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC726 NEC-MC-4532CC726 Datasheet
153Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC726 ELPIDA-MC-4532CC726 Datasheet
174Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com