データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-458CA721ESA-A80 データシート(PDF) 1 Page - Elpida Memory

部品番号 MC-458CA721ESA-A80
部品情報  8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ELPIDA [Elpida Memory]
ホームページ  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-458CA721ESA-A80 データシート(HTML) 1 Page - Elpida Memory

  MC-458CA721ESA-A80 Datasheet HTML 1Page - Elpida Memory MC-458CA721ESA-A80 Datasheet HTML 2Page - Elpida Memory MC-458CA721ESA-A80 Datasheet HTML 3Page - Elpida Memory MC-458CA721ESA-A80 Datasheet HTML 4Page - Elpida Memory MC-458CA721ESA-A80 Datasheet HTML 5Page - Elpida Memory MC-458CA721ESA-A80 Datasheet HTML 6Page - Elpida Memory MC-458CA721ESA-A80 Datasheet HTML 7Page - Elpida Memory MC-458CA721ESA-A80 Datasheet HTML 8Page - Elpida Memory MC-458CA721ESA-A80 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
8M-WORD BY 72-BIT
SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
Document No. E0067N10 (1st edition)
(Previous No. M14494EJ3V0DS00)
Date Published January 2001 CP (K)
Printed in Japan
DATA SHEET
MOS INTEGRATED CIRCUIT
MC-458CA721ESA,458CA721PSA,458CA721XSA
Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local Elpida Memory, Inc. for
availability and additional information.
Description
The MC-458CA721ESA, MC-458CA721PSA and 458CA721XSA are 8,388,608 words by 72 bits synchronous
dynamic RAM module (Small Outline DIMM) on which 5 pieces of 128M SDRAM:
µPD45128163 are assembled.
These modules provide high density and large quantities of memory in a small space without utilizing the surface-
mounting technology on the printed circuit board.
Decoupling capacitors are mounted on power supply line for noise reduction.
Features
• 8,388,608 words by 72 bits organization (ECC type)
• Clock frequency and access time from CLK
Part number
/CAS latency
Clock frequency (MAX.)
Access time from CLK (MAX.)
MC-458CA721ESA-A80
CL = 3
125 MHz
6 ns
CL = 2
100 MHz
6 ns
MC-458CA721ESA-A10
CL = 3
100 MHz
6 ns
CL = 2
77 MHz
7 ns
MC-458CA721PSA-A80
CL = 3
125 MHz
6 ns
CL = 2
100 MHz
6 ns
MC-458CA721PSA-A10
CL = 3
100 MHz
6 ns
CL = 2
77 MHz
7 ns
MC-458CA721XSA-A80
CL = 3
125 MHz
6 ns
CL = 2
100 MHz
6 ns
MC-458CA721XSA-A10
CL = 3
100 MHz
6 ns
CL = 2
77 MHz
7 ns
• Fully Synchronous Dynamic RAM, with all signals referenced to a positive clock edge
• Pulsed interface
• Possible to assert random column address in every cycle
• Quad internal banks controlled by BA0, BA1 (Bank Select)
• Programmable burst-length (1, 2, 4, 8 and Full Page)
• Programmable wrap sequence (Sequential / Interleave)
• Programmable /CAS latency (2, 3)
• Automatic precharge and controlled precharge
• CBR (Auto) refresh and self refresh
• Single 3.3V ± 0.3V power supply
This product became EOL in September, 2002.


同様の部品番号 - MC-458CA721ESA-A80

メーカー部品番号データシート部品情報
logo
NEC
MC-458CA721ESA-A80 NEC-MC-458CA721ESA-A80 Datasheet
142Kb / 6P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
More results

同様の説明 - MC-458CA721ESA-A80

メーカー部品番号データシート部品情報
logo
NEC
MC-458CA721ESA NEC-MC-458CA721ESA Datasheet
142Kb / 6P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-458CB64ESB ELPIDA-MC-458CB64ESB Datasheet
141Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CB64ESB NEC-MC-458CB64ESB Datasheet
126Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
MC-458CB641ES NEC-MC-458CB641ES Datasheet
137Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-458CB642XS ELPIDA-MC-458CB642XS Datasheet
135Kb / 14P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB641ES ELPIDA-MC-458CB641ES Datasheet
151Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-45V8AB642KS ELPIDA-MC-45V8AB642KS Datasheet
150Kb / 16P
   8M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CA727 NEC-MC-458CA727 Datasheet
198Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CA727 ELPIDA-MC-458CA727 Datasheet
156Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CA726 ELPIDA-MC-458CA726 Datasheet
159Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com