データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZX79-C15 データシート(PDF) 1 Page - GOOD-ARK Electronics

部品番号 BZX79-C15
部品情報  Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOOD-ARK [GOOD-ARK Electronics]
ホームページ  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BZX79-C15 データシート(HTML) 1 Page - GOOD-ARK Electronics

  BZX79-C15 Datasheet HTML 1Page - GOOD-ARK Electronics BZX79-C15 Datasheet HTML 2Page - GOOD-ARK Electronics BZX79-C15 Datasheet HTML 3Page - GOOD-ARK Electronics BZX79-C15 Datasheet HTML 4Page - GOOD-ARK Electronics BZX79-C15 Datasheet HTML 5Page - GOOD-ARK Electronics BZX79-C15 Datasheet HTML 6Page - GOOD-ARK Electronics BZX79-C15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
518
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
m
r
e
h
T
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(T
A=25
oC unless otherwise noted)
The Zener voltages are graded according to the international
E 24 standard. Higher Zener voltages and 1% tolerance
available on request.
Diodes available in these tolerance series:
±2% BZX79-B, ±3% BZX79-F, ±5% BZX79-C.
Case: DO-35 Glass Case
Weight: approx. 0.13g
s
e
i
r
e
S
9
7
X
Z
B
s
e
d
o
i
D
r
e
n
e
Z
V
Z
W
m
0
0
5
:
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
s
t
l
o
V
5
7
o
t
4
.
2
:
e
g
n
a
R
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Se
u
l
a
Vt
i
n
U
"
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
"
e
l
b
a
t
e
e
s
t
n
e
r
r
u
c
r
e
n
e
Z
T
t
a
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
b
m
a
5
2
=
oCP
t
o
t
0
0
5
)
1
(
W
m
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
J
T
j
5
7
1
+
o
t
5
6
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
T
S
5
7
1
+
o
t
5
6
-
oC
t
n
e
r
r
u
c
d
r
a
w
r
o
f
s
u
o
u
n
i
t
n
o
C
I
F
0
5
2A
m
r
i
a
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
TR
θ A
J
3
.
0
)
1
(o
W
m
/
C
)
e
v
i
t
i
t
e
p
e
r
-
n
o
n
(
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
e
s
r
e
v
e
r
k
a
e
P
t
p
0
0
1
=
u
e
v
a
w
e
r
a
u
q
s
s
P
M
S
Z
0
4W
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 8mm from case.


同様の部品番号 - BZX79-C15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BZX79-C15 PHILIPS-BZX79-C15 Datasheet
61Kb / 12P
   Voltage regulator diodes
2002 Feb 27
logo
General Semiconductor
BZX79-C15 GE-BZX79-C15 Datasheet
321Kb / 7P
   SILICON PLANAR ZENER DIODES
logo
Silicon Standard Corp.
BZX79-C15 SSC-BZX79-C15 Datasheet
455Kb / 7P
   ZENER DIODES
logo
NXP Semiconductors
BZX79-C15 NXP-BZX79-C15 Datasheet
581Kb / 10P
   Voltage regulator diodes
2002 Feb 27
BZX79-C15 NXP-BZX79-C15 Datasheet
581Kb / 10P
   Voltage regulator diodes
2002 Feb 27
More results

同様の説明 - BZX79-C15

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com