データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBJ30 データシート(PDF) 3 Page - GOOD-ARK Electronics

部品番号 SMBJ30
部品情報  Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOOD-ARK [GOOD-ARK Electronics]
ホームページ  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SMBJ30 データシート(HTML) 3 Page - GOOD-ARK Electronics

  SMBJ30 Datasheet HTML 1Page - GOOD-ARK Electronics SMBJ30 Datasheet HTML 2Page - GOOD-ARK Electronics SMBJ30 Datasheet HTML 3Page - GOOD-ARK Electronics SMBJ30 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
591
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
Ratings at 25oC ambient temperature unless otherwise specified. V
F=3.5V at IF=50A (uni-directional only)
e
p
y
t
e
c
i
v
e
D
g
n
i
k
r
a
m
e
c
i
v
e
D
e
d
o
c
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
)
3
(
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
e
g
r
u
s
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
e
g
a
t
l
o
v
I
t
a
M
P
P
V
C
)
s
t
l
o
V
(
I
N
UI
B.
n
i
M.
x
a
M
3
3
J
B
M
SL
ML
C7
.
6
39
.
4
40
.
13
30
.
12
.
0
10
.
9
5
A
3
3
J
B
M
SM
MM
C7
.
6
36
.
0
40
.
13
30
.
13
.
1
13
.
3
5
6
3
J
B
M
SN
MN
C0
.
0
49
.
8
40
.
16
30
.
13
.
93
.
4
6
A
6
3
J
B
M
SP
MP
C0
.
0
42
.
4
40
.
16
30
.
13
.
0
11
.
8
5
0
4
J
B
M
SQ
MQ
C4
.
4
43
.
4
50
.
10
40
.
14
.
84
.
1
7
A
0
4
J
B
M
SR
MR
C4
.
4
41
.
9
40
.
10
40
.
13
.
95
.
4
6
3
4
J
B
M
SS
MS
C8
.
7
44
.
8
50
.
13
40
.
18
.
77
.
6
7
A
3
4
J
B
M
ST
MT
C8
.
7
48
.
2
50
.
13
40
.
16
.
84
.
9
6
5
4
J
B
M
SU
MU
C0
.
0
51
.
1
60
.
15
40
.
15
.
73
.
0
8
A
5
4
J
B
M
SV
MV
C0
.
0
53
.
5
50
.
15
40
.
13
.
87
.
2
7
8
4
J
B
M
SW
MW
C3
.
3
51
.
5
60
.
18
40
.
10
.
75
.
5
8
A
8
4
J
B
M
SX
MX
C3
.
3
59
.
8
50
.
18
40
.
18
.
74
.
7
7
1
5
J
B
M
SY
MY
C7
.
6
53
.
9
60
.
11
50
.
16
.
61
.
1
9
A
1
5
J
B
M
SZ
MZ
C7
.
6
57
.
2
60
.
11
50
.
13
.
74
.
2
8
4
5
J
B
M
SD
ND
D0
.
0
63
.
3
70
.
14
50
.
12
.
63
.
6
9
A
4
5
J
B
M
SE
NE
D0
.
0
63
.
6
60
.
14
50
.
19
.
61
.
7
8
8
5
J
B
M
SF
NF
D4
.
4
67
.
8
70
.
18
50
.
18
.
53
0
1
A
8
5
J
B
M
SG
NG
D4
.
4
62
.
1
70
.
18
50
.
14
.
66
.
3
9
0
6
J
B
M
SH
NH
D7
.
6
65
.
1
80
.
10
60
.
16
.
57
0
1
A
0
6
J
B
M
SK
NK
D7
.
6
67
.
3
70
.
10
60
.
12
.
68
.
6
9
4
6
J
B
M
SL
NL
D1
.
1
79
.
6
80
.
14
60
.
13
.
54
1
1
A
4
6
J
B
M
SM
NM
D1
.
1
76
.
8
70
.
14
60
.
18
.
53
0
1
0
7
J
B
M
SN
NN
D8
.
7
71
.
5
90
.
10
70
.
18
.
45
2
1
A
0
7
J
B
M
SP
NP
D8
.
7
70
.
6
80
.
10
70
.
13
.
53
1
1
5
7
J
B
M
SQ
NQ
D3
.
3
82
0
10
.
15
70
.
15
.
44
3
1
A
5
7
J
B
M
SR
NR
D3
.
3
81
.
2
90
.
15
70
.
10
.
51
2
1
8
7
J
B
M
SS
NS
D7
.
6
86
0
10
.
18
70
.
13
.
49
3
1
A
8
7
J
B
M
ST
NT
D7
.
6
88
.
5
90
.
18
70
.
18
.
46
2
1
5
8
J
B
M
SU
NU
D4
.
4
95
1
10
.
15
80
.
10
.
41
5
1
A
5
8
J
B
M
SV
NV
D4
.
4
94
0
10
.
15
80
.
14
.
47
3
1
0
9
J
B
M
SW
NW
D0
0
12
2
10
.
10
90
.
18
.
30
6
1
A
0
9
J
B
M
SX
NX
D0
0
11
1
10
.
10
90
.
11
.
46
4
1
0
0
1
J
B
M
SY
NY
D1
1
16
3
10
.
10
0
10
.
14
.
39
7
1
A
0
0
1
J
B
M
SZ
NZ
D1
1
13
2
10
.
10
0
10
.
17
.
32
6
1
0
1
1
J
B
M
SD
PD
F2
2
19
4
10
.
10
1
10
.
11
.
36
9
1
A
0
1
1
J
B
M
SE
PE
F2
2
15
3
10
.
10
1
10
.
14
.
37
7
1
0
2
1
J
B
M
SF
PF
F3
3
13
6
10
.
10
2
10
.
18
.
24
1
2
A
0
2
1
J
B
M
SG
PG
F3
3
17
4
10
.
10
2
10
.
11
.
33
9
1
0
3
1
J
B
M
SH
PH
F4
4
16
7
10
.
10
3
10
.
16
.
21
3
2
A
0
3
1
J
B
M
SK
PK
F4
4
19
5
10
.
10
3
10
.
19
.
29
0
2
0
5
1
J
B
M
SL
PL
F7
6
14
0
20
.
10
5
10
.
12
.
28
6
2
A
0
5
1
J
B
M
SM
PM
F7
6
15
8
10
.
10
5
10
.
15
.
23
4
2
0
6
1
J
B
M
SN
PN
F8
7
18
1
20
.
10
6
10
.
11
.
27
8
2
A
0
6
1
J
B
M
SP
PP
F8
7
17
9
10
.
10
6
10
.
13
.
29
5
2
0
7
1
J
B
M
SQ
PQ
F9
8
11
3
20
.
10
7
10
.
10
.
24
0
3
A
0
7
1
J
B
M
SR
PR
F9
8
19
0
20
.
10
7
10
.
12
.
25
7
2
A
0
8
1
J
B
M
ST
PT
F1
0
22
2
20
.
10
8
10
.
11
.
22
9
2
A
0
0
2
J
B
M
SV
PV
F4
2
27
4
20
.
10
0
20
.
19
.
14
2
3
A
0
2
2
J
B
M
SX
PX
F6
4
22
7
20
.
10
2
20
.
17
.
16
5
3
A
0
5
2
J
B
M
SZ
PZ
F9
7
29
0
30
.
10
5
20
.
15
.
15
0
4
A
0
0
3
J
B
M
SE
QE
G5
3
31
7
30
.
10
0
30
.
13
.
16
8
4
A
0
5
3
J
B
M
SG
QG
G1
9
32
3
40
.
10
5
30
.
11
.
17
6
5
A
0
0
4
J
B
M
SK
QK
G7
4
44
9
40
.
10
0
40
.
19
.
08
4
6
A
0
4
4
J
B
M
SM
QM
G2
9
43
4
50
.
10
4
40
.
19
.
03
1
7
Notes:
1. V
(BR) measured after IT applied for 300us square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. For bi-directional types having V
WM of 10 Volts and less, the ID limit is doubled
4. All terms and symbols are consistent with ANSI/IEEE C62.35
5. For parts without A, the V
BR is +10%


同様の部品番号 - SMBJ30

メーカー部品番号データシート部品情報
logo
Socay Electornics Co., ...
SMBJ30 SOCAY-SMBJ30 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMBJ30 JGD-SMBJ30 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ30 MICROSEMI-SMBJ30 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMBJ30 SOCAY-SMBJ30 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
DAESAN ELECTRONIC CORP.
SMBJ30 DAESAN-SMBJ30 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
More results

同様の説明 - SMBJ30

メーカー部品番号データシート部品情報
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com