データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK433-070-E データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 STK433-070-E
部品情報  Thick-Film Hybrid IC 2-channel class AB audio power IC, 60W60W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-070-E データシート(HTML) 2 Page - Sanyo Semicon Device

  STK433-070-E Datasheet HTML 1Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 2Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STK433-070-E
No. A1488-2/11
Specifications
Absolute Maximum Ratings
at Ta = 25
°C (excluding rated temperature items), Tc=25°C unless otherwise specified
Parameter
Symbol
Conditions
Ratings
Unit
Maximum quiescent supply voltage 0
VCC max (0)
When no signal
±50
V
Maximum supply voltage 1
VCC max (1)
RL≥6Ω
±44
V
Maximum supply voltage 2
VCC max (2)
RL=4Ω
±37
V
Minimum operating supply voltage
VCC min
±10
V
Pin 13 input voltage
VST max
-0.3 to +5.5
V
Thermal resistance
θj-c
Per power transistor
3.5
°C/W
Junction temperature
Tj max
Both the Tj max and Tc max conditions must be met.
150
°C
IC substrate operating temperature
Tc max
125
°C
Storage temperature
Tstg
-30 to +125
°C
Allowable load shorted time
*4
ts
VCC=±29V, RL=6Ω, f=50Hz, PO=40W,
1-channel active
0.3
s
Operating Characteristics
at Tc=25
°C, RL=6Ω, Rg=600Ω, VG=30dB, non-inductive load RL, unless otherwise
specified
Conditions *2
Ratings
Parameter
Symbol
VCC
(V)
f
(Hz)
PO
(W)
THD
(%)
min
typ
max
unit
PO (1)
±29
20 to 20k
0.4
38
40
PO (2)
±29.5
1k
10
60
Output power
*1
PO (3)
±25
1k
1
RL=4Ω
40
W
THD (1)
±29
20 to 20k
0.4
Total harmonic distortion
*1
THD (2)
±29
1k
5.0
0.02
%
Frequency characteristics *1
fL, fH
±29
1.0
+0 -3dB
20 to 50k
Hz
Input impedance
ri
±29
1k
1.0
55
k
Ω
Output noise voltage
*3
VNO
±35
Rg=2.2k
Ω
1.0
mVrms
Quiescent current
ICCO
±35
No loading
20
45
70
mA
Standby current
ICST
±35
1
mA
Output neutral voltage
VN
±35
-70
0
+70
mV
Pin 13 voltage when standby
ON
VST ON
±29
Standby
0.6
V
Pin 13 voltage when standby
OFF
VST OFF
±29
Operating
2.5
V
[Remarks]
*1: For 1-channel operation
*2: Unless otherwise specified, use a constant-voltage power supply to supply power when inspections are carried out.
*3: The output noise voltage values shown are peak values read with a VTVM. However, an AC stabilized (50Hz)
power supply should be used to minimize the influence of AC primary side flicker noise on the reading.
*4: Use the transformer power supply circuit shown in the figure below for allowable load shorted time measurement.
*5: Please connect -preVCC Pin (#1 pin) with the stable minimum voltage and connect so that current does not flow in
by reverse bias
* Thermal design must be implemented based on the conditions under which the customer’s end products are expected
to operate on the market.
* A thermoplastic adhesive is used to adhere the case.
10000
μF
10000
μF
DBA40C
500
Ω
500
Ω
+VCC
-VCC
+
+
Designated transformer power supply
(MG-200 equivalent)


同様の部品番号 - STK433-070-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-040N-E ONSEMI-STK433-040N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK433-060-E SANYO-STK433-060-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 50W50W
More results

同様の説明 - STK433-070-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK404-070N-E SANYO-STK404-070N-E Datasheet
193Kb / 10P
   1ch class-AB Audio Power IC 60W
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK433-100-E SANYO-STK433-100-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
STK433-120-E SANYO-STK433-120-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 120W120W
STK433-130-E SANYO-STK433-130-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 150W150W
STK433-060-E SANYO-STK433-060-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 50W50W
STK404-200-E SANYO-STK404-200-E Datasheet
353Kb / 11P
   One-Channel Class AB Audio Power Amplifier IC 60W
STK415-100-E SANYO-STK415-100-E Datasheet
187Kb / 12P
   2-Channel Power Switching Audio Power IC, 60W60W
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com