データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLA6868M データシート(PDF) 4 Page - Sanken electric

部品番号 SLA6868M
部品情報  High Voltage 3-Phase Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6868M データシート(HTML) 4 Page - Sanken electric

  SLA6868M Datasheet HTML 1Page - Sanken electric SLA6868M Datasheet HTML 2Page - Sanken electric SLA6868M Datasheet HTML 3Page - Sanken electric SLA6868M Datasheet HTML 4Page - Sanken electric SLA6868M Datasheet HTML 5Page - Sanken electric SLA6868M Datasheet HTML 6Page - Sanken electric SLA6868M Datasheet HTML 7Page - Sanken electric SLA6868M Datasheet HTML 8Page - Sanken electric SLA6868M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
High Voltage 3-Phase Motor Driver
SLA6868M
4
ELECTRICAL CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Logic Supply Current
ICC
VCC = 15 V, TC = –20°C to 125°C
4.2
7
mA
Bootstrap Supply Current
IBX
VBX = 15 V, VHIN = 5 V
135
380
μA
Input Voltage
VIH
VCC = 15 V
2.9
3.4
V
VIL
VCC = 15 V
1.6
2.1
V
Input Voltage Hysteresis
VIhys
VCC = 15 V
0.8
V
Input Current
IIN
VIN = 5 V
230
500
μA
Undervoltage Lock Out
VUVHL
High side, between VBx and U, V, or W
9.0
10.0
11.0
V
VUVHH
9.5
10.5
11.5
V
VUVHhys
High side, hysteresis
0.5
V
VUVLL
Low side, between VCC2 and COM2
10.0
11.0
12.0
V
VUVLH
10.5
11.5
12.5
V
VUVLhys
Low side, hysteresis
0.5
V
SDx and OCL Output Voltage
VSDX(on),
VOCL
VSDX = VOCL = 5 V, RUPX = 3.3 kΩ
0.6
V
Overtemperature DetectionThreshold
Temperature (Activation and
Deactivation)
TDH
VCC = 15 V, high-side and low side
120
135
150
°C
TDL
100
115
130
°C
TDhys
–20–°C
Overcurrent Protection Trip Voltage
VTRIP
VCC = 15 V
0.9
1.0
1.1
V
Overcurrent Protection Hold Time
tp
VRC = 5 V, RR = 360 kΩ, CC = 0.0047 μF
2.0
ms
Blanking Time
tblank
VCC = 15 V
1.4
2.0
2.6
μs
Bootstrap Diode Leakage Current
ILBD
VR = 500 V
10
μA
Bootstrap Diode Forward Voltage
VFBD
IF = 0.15 A
1.1
1.3
V
Bootstrap Diode Recovery Time
trrb
IF / IRP = 100 mA / 100 mA
70
ns
Bootstrap Diode Series Resistor
RBD
168
210
252
Ω
MOSFET Breakdown Voltage
VDSS
VCC = 15 V, ID = 100 μA, VIN = 0 V
500
V
MOSFET Leakage Current
IDSS
VCC = 15 V, VDS = 500 V, VIN = 0 V
100
μA
MOSFET On State Resistance
RDS(on)
VCC = 15 V, ID = 1.5 A, VIN = 5 V
2.0
2.4
Ω
MOSFET Diode Forward Voltage
VSDF
VCC = 15 V, ISD = 1.5 A, VIN = 0 V
1.1
1.5
V
Switching Time, High Side
tdH(on)
VBB = 300 V, VCC = 15 V, ID = 2.5 A, 0 V ≤ VIN ≤ 5 V
790
ns
trH
–60–
ns
trrH
115
ns
tdH(off)
725
ns
tfH
–20–
ns
Switching Time, Low Side
tdL(on)
680
ns
trL
–70–
ns
trrL
120
ns
tdL(off)
605
ns
tfL
–20–
ns


同様の部品番号 - SLA6868M

メーカー部品番号データシート部品情報
logo
Sanken electric
SLA6868MH SANKEN-SLA6868MH Datasheet
1Mb / 52P
   500 V, 1 A to 3 A High Voltage 3-phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
More results

同様の説明 - SLA6868M

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com