データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMA6821MP データシート(PDF) 5 Page - Sanken electric

部品番号 SMA6821MP
部品情報  High Voltage 3-Phase Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6821MP データシート(HTML) 5 Page - Sanken electric

  SMA6821MP Datasheet HTML 1Page - Sanken electric SMA6821MP Datasheet HTML 2Page - Sanken electric SMA6821MP Datasheet HTML 3Page - Sanken electric SMA6821MP Datasheet HTML 4Page - Sanken electric SMA6821MP Datasheet HTML 5Page - Sanken electric SMA6821MP Datasheet HTML 6Page - Sanken electric SMA6821MP Datasheet HTML 7Page - Sanken electric SMA6821MP Datasheet HTML 8Page - Sanken electric SMA6821MP Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
High Voltage 3-Phase Motor Driver
SMA6821MP
5
HIN
VB-HS
HO
VUVHH
VUVHL
UVLO
Release
LIN
VCC
LO
VUVHH
FO
VUVHL
TJ
TDH
TDL
UVLO
Release
After UVLO is released, IC operation is started by the first rising edge of input
Low Side Driver Input/Output Timing Diagrams
After UVLO is released, IC operation is started by the first rising edge of input
High Side Driver Input/Output Timing Diagrams
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


同様の部品番号 - SMA6821MP

メーカー部品番号データシート部品情報
logo
Sanken electric
SMA6821MH SANKEN-SMA6821MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
SMA6821MH SANKEN-SMA6821MH Datasheet
751Kb / 18P
   250 V to 600 V, 1.5 A to 2.5 A High Voltage 3-phase Motor Driver ICs
More results

同様の説明 - SMA6821MP

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com