データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMA6823MP データシート(PDF) 8 Page - Sanken electric

部品番号 SMA6823MP
部品情報  High Voltage 3-Phase Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6823MP データシート(HTML) 8 Page - Sanken electric

Back Button SMA6823MP Datasheet HTML 4Page - Sanken electric SMA6823MP Datasheet HTML 5Page - Sanken electric SMA6823MP Datasheet HTML 6Page - Sanken electric SMA6823MP Datasheet HTML 7Page - Sanken electric SMA6823MP Datasheet HTML 8Page - Sanken electric SMA6823MP Datasheet HTML 9Page - Sanken electric SMA6823MP Datasheet HTML 10Page - Sanken electric SMA6823MP Datasheet HTML 11Page - Sanken electric SMA6823MP Datasheet HTML 12Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
High Voltage 3-Phase Motor Driver
SMA6823MP
8
Leadform: 2452
Terminal core material: Cu
Terminal plating: Ni
Recommended attachment: Solder dip (Sn-Ag-Cu)
Dimensions in millimeters
Branding codes (exact appearance at manufacturer discretion):
1st line, lot:
YMDDT
Where: Y is the last digit of the year of manufacture
M is the month (1 to 9, O, N, D)
DD is the date
T is the tracking letter
2nd line, type: SMA6823MP
Branding Area
31 ±0.2
31.3 ±0.2
Gate protrusion
1.27 ±0.5
0.6
+0.15
– 0.05
0.5
+0.15
– 0.05
9.5
+0.7
– 0.5
Gate protrusion
10.2 ±0.2
A
A
Measured at pin tips
2468
10
12
14
16
18
20
22
24
13579
11
13
15
17
19
21
23
4 ±0.2
R1
REF
4.5
REF
4.5 ±0.5
5 ±0.5
1.2 ±0.1
BSC
View A
Deflection at pin bend
0.7 MAX
View A
Package Outline Drawing
Leadform 2452
Dual rows, 24 alternating pins; vertical case mounting; pin #1 opposite chamfer side
Leadframe plating Pb-free. Device composition
complies with the RoHS directive.
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


同様の部品番号 - SMA6823MP

メーカー部品番号データシート部品情報
logo
Sanken electric
SMA6823MH SANKEN-SMA6823MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
SMA6823MH SANKEN-SMA6823MH Datasheet
751Kb / 18P
   250 V to 600 V, 1.5 A to 2.5 A High Voltage 3-phase Motor Driver ICs
More results

同様の説明 - SMA6823MP

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com