データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1322FN データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TA1322FN
部品情報  DOWB-CONVERTER IC WITH PLL FOR SATELLITE TUNER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1322FN データシート(HTML) 5 Page - Toshiba Semiconductor

  TA1322FN Datasheet HTML 1Page - Toshiba Semiconductor TA1322FN Datasheet HTML 2Page - Toshiba Semiconductor TA1322FN Datasheet HTML 3Page - Toshiba Semiconductor TA1322FN Datasheet HTML 4Page - Toshiba Semiconductor TA1322FN Datasheet HTML 5Page - Toshiba Semiconductor TA1322FN Datasheet HTML 6Page - Toshiba Semiconductor TA1322FN Datasheet HTML 7Page - Toshiba Semiconductor TA1322FN Datasheet HTML 8Page - Toshiba Semiconductor TA1322FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TA1322FN
2002-02-12
5
Pin No.
Pin Name
Function
Interface
19
IF Output 1
21
IF Output 2
IF output pin.
Output can be controlled by setting
the band switch data (P6).
IF output impedance is 75
W each
other.
When P6 data set 0, output pin is Pin
19 (IF output 1).
When P6 data set 1, output pin is Pin
21 (IF output 2).
20
GND4
Ground pin for IF amplifier circuit
block
¾
22
VCC3
Power supply pin for IF amplifier
circuit block
¾
23
GND5
Ground pin for IF amplifier circuit
block
¾
24
XO Switch
Determines reference signal input.
If connected to ground:
X’tal oscillator.
If open or connected to VCC2:
external input
25
TEST
When test mode set, this pin can
confirm X’tal divider signal and 1/2
counter signal.
This pin can be used at open.
26
GND6
Ground pin for mixer circuit block
¾
27
RF Input1
28
RF Input2
RF signal input pin
Input can be either balanced or
unbalanced.
29
GND7
Ground pin for mixer circuit block
¾
30
VCC4
Power supply pin for mixer circuit
block
¾
VCC3
GND4, 5
19, 21
VCC2
24
GND3
1 k
W
GND7
27
28
3 k
W
VCC2
25
GND3


同様の部品番号 - TA1322FN

メーカー部品番号データシート部品情報
logo
Pico Technology Ltd.
TA132 PICO-TA132 Datasheet
2Mb / 26P
   PicoScope® 3000 Series PC oscilloscopes and MSOs
2013-2016
logo
Transko Electronics, In...
TA13212AV TRANSKO-TA13212AV Datasheet
593Kb / 4P
   132.3 MHz IF SAW Filter / 12.55 MHz Bandwidth
Revision 0: 29. Sep. 2009
logo
TAI-SAW TECHNOLOGY CO.,...
TA1321A TAI-SAW-TA1321A Datasheet
412Kb / 6P
   SAW Filter 425 MHz
logo
Transko Electronics, In...
TA1321AM TRANSKO-TA1321AM Datasheet
429Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2008
logo
TAI-SAW TECHNOLOGY CO.,...
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
More results

同様の説明 - TA1322FN

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA1296FN TOSHIBA-TA1296FN Datasheet
227Kb / 22P
   Down-Converter IC with PLL for Satellite Tuner
logo
Synaptics Incorporated.
CX24113A CONEXANT-CX24113A Datasheet
164Kb / 2P
   Digital Satellite Tuner RF IC
logo
New Japan Radio
NJW1504 NJRC-NJW1504 Datasheet
135Kb / 10P
   PLL Synthesizer with IC Bus for TV Tuner
logo
Sony Corporation
CXA3068N SONY-CXA3068N Datasheet
144Kb / 11P
   L-band Down Converter for Satellite Tuner
CXA3038N SONY-CXA3038N Datasheet
226Kb / 16P
   IQ Detection IC for Digital Satellite Broadcast Tuner
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
   Direct Conversion IC for Digital Satellite Broadcast Tuner
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
Synaptics Incorporated.
CX24128 CONEXANT-CX24128 Datasheet
1Mb / 2P
   Digital Satellite Dual Tuner RF IC
logo
Sony Corporation
CXA3275Q SONY-CXA3275Q Datasheet
201Kb / 22P
   PLL/OSC/MIX IC for Digital Tuner
logo
Sharp Corporation
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
   Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com