データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1322FN データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TA1322FN
部品情報  DOWB-CONVERTER IC WITH PLL FOR SATELLITE TUNER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1322FN データシート(HTML) 6 Page - Toshiba Semiconductor

Back Button TA1322FN Datasheet HTML 2Page - Toshiba Semiconductor TA1322FN Datasheet HTML 3Page - Toshiba Semiconductor TA1322FN Datasheet HTML 4Page - Toshiba Semiconductor TA1322FN Datasheet HTML 5Page - Toshiba Semiconductor TA1322FN Datasheet HTML 6Page - Toshiba Semiconductor TA1322FN Datasheet HTML 7Page - Toshiba Semiconductor TA1322FN Datasheet HTML 8Page - Toshiba Semiconductor TA1322FN Datasheet HTML 9Page - Toshiba Semiconductor TA1322FN Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TA1322FN
2002-02-12
6
Absolute Maximum Ratings (Ta
==== 25°C)
Parameter
Pin No.
Symbol
Rating
Unit
2
VCC1
6
9
VCC2
6
22
VCC3
6
Supply voltage
30
VCC4
6
V
Tuning amplifier voltage
6
VBT
38
V
Power dissipation
¾
PD
1130
(Note 2)
mW
Operating temperature
¾
Topr
-20 to 85
°C
Storage temperature
¾
Tstg
-55 to 150
°C
Note 2: 50 mm
´ 50 mm ´ 1.6 mm, 40% Cu board
If Ta
> 25°C, derate this value by 9.1 mW/°C.
Recommended Operating Conditions
Pin No.
Symbol
Min
Typ.
Max
Unit
2
Local oscillator block
VCC1
4.5
5.0
5.5
V
9
PLL block
VCC2
4.5
5.0
5.5
V
22
IF amplifier block
VCC3
4.5
5.0
5.5
V
30
Mixer block
VCC4
4.5
5.0
5.5
V
Electrical Characteristics
DC Characteristics (unless otherwise specified, VCC1
==== VCC2 ==== VCC3 ==== VCC4 ==== 5 V, Ta ==== 25°C)
When power on, counter data
==== all [0], VBT ==== OFF, CP0 ==== 0, band ==== all [0], and IF output
operate Pin 19.
Parameter
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICC1
¾
5.0
7.5
9.5
ICC2
¾
21.5
26.5
32.0
ICC3
¾
19.5
24.0
29.0
Power supply current
ICC4
1
¾
10.0
12.5
15.5
mA
Total
ICC-total
¾
¾
56.0
70.0
86.0
mA


同様の部品番号 - TA1322FN

メーカー部品番号データシート部品情報
logo
Pico Technology Ltd.
TA132 PICO-TA132 Datasheet
2Mb / 26P
   PicoScope® 3000 Series PC oscilloscopes and MSOs
2013-2016
logo
Transko Electronics, In...
TA13212AV TRANSKO-TA13212AV Datasheet
593Kb / 4P
   132.3 MHz IF SAW Filter / 12.55 MHz Bandwidth
Revision 0: 29. Sep. 2009
logo
TAI-SAW TECHNOLOGY CO.,...
TA1321A TAI-SAW-TA1321A Datasheet
412Kb / 6P
   SAW Filter 425 MHz
logo
Transko Electronics, In...
TA1321AM TRANSKO-TA1321AM Datasheet
429Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2008
logo
TAI-SAW TECHNOLOGY CO.,...
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
More results

同様の説明 - TA1322FN

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA1296FN TOSHIBA-TA1296FN Datasheet
227Kb / 22P
   Down-Converter IC with PLL for Satellite Tuner
logo
Synaptics Incorporated.
CX24113A CONEXANT-CX24113A Datasheet
164Kb / 2P
   Digital Satellite Tuner RF IC
logo
New Japan Radio
NJW1504 NJRC-NJW1504 Datasheet
135Kb / 10P
   PLL Synthesizer with IC Bus for TV Tuner
logo
Sony Corporation
CXA3068N SONY-CXA3068N Datasheet
144Kb / 11P
   L-band Down Converter for Satellite Tuner
CXA3038N SONY-CXA3038N Datasheet
226Kb / 16P
   IQ Detection IC for Digital Satellite Broadcast Tuner
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
   Direct Conversion IC for Digital Satellite Broadcast Tuner
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
Synaptics Incorporated.
CX24128 CONEXANT-CX24128 Datasheet
1Mb / 2P
   Digital Satellite Dual Tuner RF IC
logo
Sony Corporation
CXA3275Q SONY-CXA3275Q Datasheet
201Kb / 22P
   PLL/OSC/MIX IC for Digital Tuner
logo
Sharp Corporation
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
   Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com