データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FWDM-1619-7D-47 データシート(PDF) 1 Page - Finisar Corporation.

部品番号 FWDM-1619-7D-47
部品情報  WDM SFP Transceiver with APD Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FINISAR [Finisar Corporation.]
ホームページ  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWDM-1619-7D-47 データシート(HTML) 1 Page - Finisar Corporation.

  FWDM-1619-7D-47 Datasheet HTML 1Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 2Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 3Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 4Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 5Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 6Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 7Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 8Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
F i n i s a r
© Finisar Corporation May 2003 Rev.D
Page 1
Product Specification
WDM SFP Transceiver with APD Receiver
FWDM-1619-7D-xx
PRODUCT FEATURES
• Up to 1.25 Gb/s data links
• Hot-pluggable SFP footprint
• Built-in digital diagnostic functions
• Uncooled DFB laser transmitter in
8 CWDM wavelengths
• APD Receiver
• Very low jitter
• Metal enclosure, for lower EMI
• Single 3.3V power supply
• Operating temperature range: 0°C
to 70°C
APPLICATIONS
• Metro Access Rings and Point-to-Point
networking for Gigabit Ethernet and
Fibre Channel
Finisar’s FWDM-1619-7D-xx CWDM Small Form Factor Pluggable (SFP) transceivers
are designed for operation in Metro Access Rings and Point-to-Point networks using
Gigabit Ethernet and Fibre Channel networking equipment. They are available in eight
different CWDM wavelengt hs. Digital diagnostics functions are available via an I
2C
serial bus. In addition, they comply with the Small Form Factor Pluggable Multi-
Sourcing Agreement (MSA)
1.
PRODUCT SELECTION
FWDM-1619-7D-xx
xx : (See next page)


同様の部品番号 - FWDM-1619-7D-47

メーカー部品番号データシート部品情報
logo
Finisar Corporation.
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-49 FINISAR-FWDM-1621-7D-49 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-51 FINISAR-FWDM-1621-7D-51 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-53 FINISAR-FWDM-1621-7D-53 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-55 FINISAR-FWDM-1621-7D-55 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

同様の説明 - FWDM-1619-7D-47

メーカー部品番号データシート部品情報
logo
Finisar Corporation.
FWLF16197D FINISAR-FWLF16197D Datasheet
552Kb / 10P
   WDM SFP Transceiver with APD Receiver
FTR-1619-47 FINISAR-FTR-1619-47 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTL-161947 FINISAR-FTL-161947 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-1619-47 FINISAR-FTL-1619-47 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-1621-47 FINISAR-FTL-1621-47 Datasheet
94Kb / 9P
   Multi-Rate CWDM GBIC Transceiver with APD Receiver
logo
Eudyna Devices Inc
FRM5N141GW EUDYNA-FRM5N141GW Datasheet
306Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5J141GT EUDYNA-FRM5J141GT Datasheet
304Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5N142GW EUDYNA-FRM5N142GW Datasheet
339Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W231KT EUDYNA-FRM5W231KT Datasheet
321Kb / 5P
   InGaAs-APD/Preamp Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com