データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24V02-G データシート(PDF) 2 Page - Ramtron International Corporation

部品番号 FM24V02-G
部品情報  256Kb Serial 3V F-RAM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24V02-G データシート(HTML) 2 Page - Ramtron International Corporation

  FM24V02-G Datasheet HTML 1Page - Ramtron International Corporation FM24V02-G Datasheet HTML 2Page - Ramtron International Corporation FM24V02-G Datasheet HTML 3Page - Ramtron International Corporation FM24V02-G Datasheet HTML 4Page - Ramtron International Corporation FM24V02-G Datasheet HTML 5Page - Ramtron International Corporation FM24V02-G Datasheet HTML 6Page - Ramtron International Corporation FM24V02-G Datasheet HTML 7Page - Ramtron International Corporation FM24V02-G Datasheet HTML 8Page - Ramtron International Corporation FM24V02-G Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
FM24V02 - 256Kb I2C FRAM
Rev. 0.1
Mar. 2009
Page 2 of 15
Address
Latch
4K x 64
FRAM Array
Data Latch
8
SDA
Counter
Serial to Parallel
Converter
Control Logic
SCL
WP
A0-A2
Device ID and
Serial Number
8
Figure 1. FM24V02 Block Diagram
Pin Description
Pin Name
Type
Pin Description
A0-A2
Input
Device Select Address 0-2: These pins are used to select one of up to 8 devices of
the same type on the same two-wire bus. To select the device, the address value on
the two pins must match the corresponding bits contained in the slave address. The
address pins are pulled down internally.
SDA
I/O
Serial Data/Address: This is a bi-directional pin for the two-wire interface. It is
open-drain and is intended to be wire-OR’d with other devices on the two-wire bus.
The input buffer incorporates a Schmitt trigger for noise immunity and the output
driver includes slope control for falling edges. An external pull-up resistor is
required.
SCL
Input
Serial Clock: The serial clock pin for the two-wire interface. Data is clocked out of
the part on the falling edge, and into the device on the rising edge. The SCL input
also incorporates a Schmitt trigger input for noise immunity.
WP
Input
Write Protect: When tied to VDD, addresses in the entire memory map will be write-
protected. When WP is connected to ground, all addresses may be written. This pin
is pulled down internally.
VDD
Supply
Supply Voltage
VSS
Supply
Ground


同様の部品番号 - FM24V02-G

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24V02-G RAMTRON-FM24V02-G Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V02-G CYPRESS-FM24V02-G Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V02-GTR RAMTRON-FM24V02-GTR Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V02-GTR CYPRESS-FM24V02-GTR Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
More results

同様の説明 - FM24V02-G

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02_10 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02 CYPRESS-FM25V02_13 Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com