データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ICE2B265 データシート(PDF) 27 Page - Infineon Technologies AG

部品番号 ICE2B265
部品情報  Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2B265 データシート(HTML) 27 Page - Infineon Technologies AG

Back Button ICE2B265 Datasheet HTML 23Page - Infineon Technologies AG ICE2B265 Datasheet HTML 24Page - Infineon Technologies AG ICE2B265 Datasheet HTML 25Page - Infineon Technologies AG ICE2B265 Datasheet HTML 26Page - Infineon Technologies AG ICE2B265 Datasheet HTML 27Page - Infineon Technologies AG ICE2B265 Datasheet HTML 28Page - Infineon Technologies AG ICE2B265 Datasheet HTML 29Page - Infineon Technologies AG ICE2B265 Datasheet HTML 30Page - Infineon Technologies AG ICE2B265 Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Version 2.6
27
25 Dec 2006
CoolSET™-F2
Typical Performance Characteristics
Figure 31 VCC Turn-On Threshold VCCon vs. Tj
Figure 32 VCC Turn-Off Threshold VVCCoff vs. Tj
Figure 33 VCC Turn-On/Off Hysteresis VVCCHY vs. Tj
Figure 34 Trimmed Reference VREF vs. Tj
Figure 35 Oscillator Frequency fOSC1 vs. Tj
Figure 36 Oscillator Frequency fOSC3 vs. Tj
Junction Temperature [°C]
13,42
13,44
13,46
13,48
13,50
13,52
13,54
13,56
13,58
-25 -15
-5
5
152535
4555657585
95 105 115 125
Junction Temperature [°C]
8,40
8,43
8,46
8,49
8,52
8,55
8,58
8,61
8,64
8,67
-25 -15
-5
5
152535455565758595 105 115 125
Junction Temperature [°C]
4,83
4,86
4,89
4,92
4,95
4,98
5,01
5,04
5,07
5,10
-25 -15
-5
5
15
25354555657585
95 105 115 125
Junction Temperature [°C]
6,470
6,475
6,480
6,485
6,490
6,495
6,500
6,505
6,510
-25 -15
-5
5
152535
455565758595 105 115 125
Junction Temperature [°C]
97.0
97.5
98.0
98.5
99.0
99.5
100.0
100.5
101.0
101.5
102.0
-25 -15 -5
5
15253545 55657585 95 105 115 125
ICE2A0565/G/Z
ICE2A165
ICE2A265
ICE2A365
ICE2A180Z
ICE2A280Z
ICE2A765P2
ICE2A380P2
Junction Temperature [°C]
64,0
64,5
65,0
65,5
66,0
66,5
67,0
67,5
68,0
68,5
69,0
69,5
70,0
-25 -15
-5
5
15
2535455565
758595 105 115 125
ICE2B0565
ICE2B165
ICE2B265
ICE2B365
ICE2B765P2


同様の部品番号 - ICE2B265

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
ICE2B265 INFINEON-ICE2B265 Datasheet
3Mb / 37P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.8, 30 Aug 2011
ICE2B265 INFINEON-ICE2B265 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.6, 25 Dec 2006
More results

同様の説明 - ICE2B265

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
ICE2A280ZHKLA1 INFINEON-ICE2A280ZHKLA1 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.6, 25 Dec 2006
ICE2A165 INFINEON-ICE2A165 Datasheet
1Mb / 23P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V3.0, September 2001
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 35P
   Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS
V2.6, 25 Dec 2006
ICE2A0565 INFINEON-ICE2A0565_11 Datasheet
3Mb / 37P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.8, 30 Aug 2011
ICE2A380P2 INFINEON-ICE2A380P2 Datasheet
451Kb / 20P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS?
2004-09-23 Version 0.0
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3AR2280JZ INFINEON-ICE3AR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3BR2280JZ INFINEON-ICE3BR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com