データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCB716S データシート(PDF) 2 Page - Clare, Inc.

部品番号 LCB716S
部品情報  Single Pole OptoMOS짰 Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARE [Clare, Inc.]
ホームページ  http://www.clare.com
Logo CLARE - Clare, Inc.

LCB716S データシート(HTML) 2 Page - Clare, Inc.

  LCB716S Datasheet HTML 1Page - Clare, Inc. LCB716S Datasheet HTML 2Page - Clare, Inc. LCB716S Datasheet HTML 3Page - Clare, Inc. LCB716S Datasheet HTML 4Page - Clare, Inc. LCB716S Datasheet HTML 5Page - Clare, Inc. LCB716S Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
2
LCB716
R01
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current
AC/DC Configuration, Continuous
-
I
L
-
-
500
mA
DC Configuration, Continuous
-
-
-
1000
Peak
t < 10ms
I
LPK
-
-
1.2
A
On-Resistance
I
L=500mA
-
1.63
2
AC/DC Configuration
R
ON
Ω
DC Configuration
I
L=1000mA
-
0.4
0.5
Off-State Leakage Current
I
F=2mA, VL=60V
I
LEAK
--
1
μA
Output Capacitance
I
F=2mA, 50V, f=1MHz
C
OUT
-
280
-
pF
Switching Speeds
Turn-On
t
ON
-
0.58
3
I
F=5mA, VL=10V
ms
Turn-Off
t
OFF
-
0.76
3
Input Characteristics @ 25°C
Input Control Current
I
L=500mA
I
F
--
2
mA
Input Dropout Current
-
I
F
0.1
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
μA
Common Characteristics @ 25°C
Capacitance, Input to Output
-
C
I/O
-3-
pF
Parameter
Ratings
Units
Blocking Voltage
60
V
P
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1A
Input Power Dissipation 1
100
mW
Total Power Dissipation 2
800
mW
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C
Electrical absolute maximum ratings are at 25°C
Absolute Maximum Ratings
Electrical Characteristics


同様の部品番号 - LCB716S

メーカー部品番号データシート部品情報
logo
IXYS Corporation
LCB716S IXYS-LCB716S Datasheet
123Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
LCB716STR IXYS-LCB716STR Datasheet
123Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
More results

同様の説明 - LCB716S

メーカー部品番号データシート部品情報
logo
Clare, Inc.
CPC1393 CLARE-CPC1393 Datasheet
125Kb / 6P
   Single Pole OptoMOS짰 Relay
LCA717 CLARE-LCA717 Datasheet
127Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1394 CLARE-CPC1394 Datasheet
130Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1390 CLARE-CPC1390 Datasheet
125Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1330 CLARE-CPC1330 Datasheet
122Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1020N CLARE-CPC1020N Datasheet
113Kb / 5P
   Single Pole OptoMOS짰 Relay
OMA160 CLARE-OMA160_1 Datasheet
317Kb / 5P
   Single Pole OptoMOS짰 Relay
LAA108 CLARE-LAA108 Datasheet
135Kb / 6P
   Dual Single-Pole OptoMOS짰 Relay
XAA117 CLARE-XAA117 Datasheet
137Kb / 6P
   Dual Single Pole OptoMOS짰 Relay
LBA716 CLARE-LBA716 Datasheet
140Kb / 7P
   Dual Single-Pole OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com