データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6T39007ANLGI8 データシート(PDF) 6 Page - Integrated Device Technology

部品番号 6T39007ANLGI8
部品情報  CLOCK DISTRIBUTION CIRCUIT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

6T39007ANLGI8 データシート(HTML) 6 Page - Integrated Device Technology

Back Button 6T39007ANLGI8 Datasheet HTML 2Page - Integrated Device Technology 6T39007ANLGI8 Datasheet HTML 3Page - Integrated Device Technology 6T39007ANLGI8 Datasheet HTML 4Page - Integrated Device Technology 6T39007ANLGI8 Datasheet HTML 5Page - Integrated Device Technology 6T39007ANLGI8 Datasheet HTML 6Page - Integrated Device Technology 6T39007ANLGI8 Datasheet HTML 7Page - Integrated Device Technology 6T39007ANLGI8 Datasheet HTML 8Page - Integrated Device Technology 6T39007ANLGI8 Datasheet HTML 9Page - Integrated Device Technology 6T39007ANLGI8 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
IDT6T39007A
CLOCK DISTRIBUTION CIRCUIT
DISTRIBUTION CIRCUITS
IDT™ CLOCK DISTRIBUTION CIRCUIT
6
IDT6T39007A REV G 111009
Byte 1: Control Register
Byte 2: Control Register
Bit
Description
Type
Power Up
Condition
Output(s) Affected
Notes
7
PWRCTRL_CLK1 Divider SEL bit 7
RW
0
PWRCTRL_CLK1
Default is /15 to
get 866.666 kHz
from 13 MHz
6
PWRCTRL_CLK1 Divider SEL bit 6
RW
0
PWRCTRL_CLK1
Default is /15 to
get 866.666 kHz
from 13 MHz
5
PWRCTRL_CLK1 Divider SEL bit 5
RW
0
PWRCTRL_CLK1
Default is /15 to
get 866.666 kHz
from 13 MHz
4
PWRCTRL_CLK1 Divider SEL bit 4
RW
0
PWRCTRL_CLK1
Default is /15 to
get 866.666 kHz
from 13 MHz
3
PWRCTRL_CLK1 Divider SEL bit 3
RW
1
PWRCTRL_CLK1
Default is /15 to
get 866.666 kHz
from 13 MHz
2
PWRCTRL_CLK1 Divider SEL bit 2
RW
1
PWRCTRL_CLK1
Default is /15 to
get 866.666 kHz
from 13 MHz
1
PWRCTRL_CLK1 Divider SEL bit 1
RW
1
PWRCTRL_CLK1
Default is /15 to
get 866.666 kHz
from 13 MHz
0
PWRCTRL_CLK1 Divider SEL bit 0
RW
1
PWRCTRL_CLK1
Default is /15 to
get 866.666 kHz
from 13 MHz
Bit
Description
Type
Power Up
Condition
Output(s) Affected
Notes
7
PWRCTRL_CLK2 Divider SEL bit 7
RW
0
PWRCTRL_CLK2
Default is /46 to
get 282.6kHz
from 13 MHz
6
PWRCTRL_CLK2 Divider SEL bit 6
RW
0
PWRCTRL_CLK2
Default is /46 to
get 282.6kHz
from 13 MHz
5
PWRCTRL_CLK2 Divider SEL bit 5
RW
1
PWRCTRL_CLK2
Default is /46 to
get 282.6kHz
from 13 MHz
4
PWRCTRL_CLK2 Divider SEL bit 4
RW
0
PWRCTRL_CLK1
Default is /46 to
get 282.6kHz
from 13 MHz
3
PWRCTRL_CLK2 Divider SEL bit 3
RW
1
PWRCTRL_CLK1
Default is /46 to
get 282.6kHz
from 13 MHz


同様の部品番号 - 6T39007ANLGI8

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
6T39007ANLGI8 RENESAS-6T39007ANLGI8 Datasheet
303Kb / 17P
   CLOCK DISTRIBUTION CIRCUIT
022212
More results

同様の説明 - 6T39007ANLGI8

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
IDT6T39007A RENESAS-IDT6T39007A Datasheet
303Kb / 17P
   CLOCK DISTRIBUTION CIRCUIT
022212
logo
Integrated Device Techn...
IDT6P30006A IDT-IDT6P30006A Datasheet
241Kb / 12P
   CLOCK DISTRIBUTION CIRCUIT
logo
Renesas Technology Corp
IDT6P30006A RENESAS-IDT6P30006A Datasheet
273Kb / 13P
   CLOCK DISTRIBUTION CIRCUIT
061711
logo
STMicroelectronics
STCD1020 STMICROELECTRONICS-STCD1020_10 Datasheet
2Mb / 40P
   Multichannel clock distribution circuit
STCD2400 STMICROELECTRONICS-STCD2400 Datasheet
1Mb / 39P
   Multichannel clock distribution circuit
STCD2400F35F STMICROELECTRONICS-STCD2400F35F Datasheet
1Mb / 39P
   Multichannel clock distribution circuit
STCD22X0 STMICROELECTRONICS-STCD22X0 Datasheet
1Mb / 39P
   Multichannel clock distribution circuit
January 2010 Rev 2
STCD1020 STMICROELECTRONICS-STCD1020 Datasheet
1Mb / 40P
   Multi-channel clock distribution circuit
logo
Renesas Technology Corp
ISL3280E RENESAS-ISL3280E Datasheet
944Kb / 16P
   Clock distribution
logo
Semtech Corporation
SK10EL15WD SEMTECH-SK10EL15WD Datasheet
94Kb / 4P
   1:4 Clock Distribution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com