データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

930104704 データシート(PDF) 4 Page - ATMEL Corporation

部品番号 930104704
部品情報  Rad. Tolerant 128Kx8, 5-Volt Very Low Power CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

930104704 データシート(HTML) 4 Page - ATMEL Corporation

  930104704 Datasheet HTML 1Page - ATMEL Corporation 930104704 Datasheet HTML 2Page - ATMEL Corporation 930104704 Datasheet HTML 3Page - ATMEL Corporation 930104704 Datasheet HTML 4Page - ATMEL Corporation 930104704 Datasheet HTML 5Page - ATMEL Corporation 930104704 Datasheet HTML 6Page - ATMEL Corporation 930104704 Datasheet HTML 7Page - ATMEL Corporation 930104704 Datasheet HTML 8Page - ATMEL Corporation 930104704 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
4151N–AERO–04/09
M65608E
Electrical Characteristics
Absolute Maximum Ratings
Military Operating
Range
Recommended DC
Operating Conditions
Capacitance
Note:
1. Guaranteed but not tested.
Supply voltage to GND potential: ........................ -0.5V + 7.0V
Voltage range on any input: ............ GND - 0.5V to VCC + 0.5
Voltage range on any ouput: ........... GND - 0.5V to VCC + 0.5
Storage temperature: ..................................... -65
⋅C to +150⋅C
Output Current from Output Pins: ................................ 20 mA
Electrostatic Discharge Voltage: ............................... > 2000V
(MIL STD 883D method 3015.3)
*NOTE:
Stresses beyond those listed under "Abso-
lute Maximum Ratings” may cause perma-
nent damage to the device. This is a stress
rating only and functional operation of the
device at these or any other conditions
beyond those indicated in the operational
sections of this specification is not implied.
Exposure between recommended DC
operating and absolute maximum rating
conditions for extended periods may
affect device reliability.
Operating Voltage
Operating Temperature
5V + 10%
-55
C to + 125C
Parameter
Description
Minimum
Typical
Maximum
Unit
VCC
Supply voltage
4.5
5.0
5.5
V
GND
Ground
0.0
0.0
0.0
V
VIL
Input low voltage
GND - 0.5
0.0
0.8
V
VIH
Input high voltage
2.2
VCC + 0.5
V
Parameter
Description
Minimum
Typical
Maximum
Unit
Cin(1)
Input low voltage
––
8
pF
Cout(1)
Output high
voltage
––
8
pF


同様の部品番号 - 930104704

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
930105201 ATMEL-930105201 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
930105201 ATMEL-930105201 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
930105202 ATMEL-930105202 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
930105202 ATMEL-930105202 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results

同様の説明 - 930104704

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
M65608E ATMEL-M65608E_07 Datasheet
1Mb / 16P
   Rad. Tolerant 128K x 8 5-volts Very Low Power CMOS SRAM
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com