データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

930105202 データシート(PDF) 8 Page - ATMEL Corporation

部品番号 930105202
部品情報  Rad Hard 512K x 8 Very Low Power CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

930105202 データシート(HTML) 8 Page - ATMEL Corporation

Back Button 930105202 Datasheet HTML 4Page - ATMEL Corporation 930105202 Datasheet HTML 5Page - ATMEL Corporation 930105202 Datasheet HTML 6Page - ATMEL Corporation 930105202 Datasheet HTML 7Page - ATMEL Corporation 930105202 Datasheet HTML 8Page - ATMEL Corporation 930105202 Datasheet HTML 9Page - ATMEL Corporation 930105202 Datasheet HTML 10Page - ATMEL Corporation 930105202 Datasheet HTML 11Page - ATMEL Corporation 930105202 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
AT60142F
4408G–AERO–04/09
Write Cycle
Notes: 1. Parameters guaranteed, not tested, with output loading 5 pF. (See “AC Test Loads Waveforms” on page 7.)
Figure 3. Write Cycle 1. WE Controlled, OE High During Write
Figure 4. Write Cycle 2. WE Controlled, OE Low
Symbol
Parameter
AT60142F-15
Unit
Value
TAVAW
Write cycle time
15
ns
min
TAVWL
Address set-up time
0
ns
min
TAVWH
Address valid to end of write
8
ns
min
TDVWH
Data set-up time
7
ns
min
TELWH
CS low to write end
12
ns
min
TWLQZ
Write low to high Z(1)
6ns
max
TWLWH
Write pulse width
8
ns
min
TWHAX
Address hold from end of write
0
ns
min
TWHDX
Data hold time
0
ns
min
TWHQX
Write high to low Z(1)
3ns
min
E
E


同様の部品番号 - 930105202

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
930105202 ATMEL-930105202 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results

同様の説明 - 930105202

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H ATMEL-AT60142H Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com