データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

930104701 データシート(PDF) 7 Page - ATMEL Corporation

部品番号 930104701
部品情報  Rad. Tolerant 128Kx8, 5-Volt Very Low Power CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

930104701 データシート(HTML) 7 Page - ATMEL Corporation

Back Button 930104701 Datasheet HTML 3Page - ATMEL Corporation 930104701 Datasheet HTML 4Page - ATMEL Corporation 930104701 Datasheet HTML 5Page - ATMEL Corporation 930104701 Datasheet HTML 6Page - ATMEL Corporation 930104701 Datasheet HTML 7Page - ATMEL Corporation 930104701 Datasheet HTML 8Page - ATMEL Corporation 930104701 Datasheet HTML 9Page - ATMEL Corporation 930104701 Datasheet HTML 10Page - ATMEL Corporation 930104701 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
4151N–AERO–04/09
M65608E
Data Retention Characteristics
Notes: 1. TAVAV = Read Cycle Time
2. CS1 =
VCC or CS2 = CS1 = GND, Vin = GND/VCC, this parameter is only tested at
VCC = 2V.
3. Parameters guaranteed but not tested
Write Cycle
Note:
1. Parameters guaranteed, not tested, with output loading 5 pF.
Parameter
Description
Minimum
Typical
TA = 25
⋅C
Maximum
Unit
VCCDR
VCC for data
retention
2.0
V
TCDR
Chip
deselect to
data
retention
time
0.0
ns
TR
Operation
recovery
time
TAVAV(1)
––
ns
ICCDR1
Data
retention
current at
2.0V
–0.1
150
µA
ICCDR2(2)
Data
retention
current at
3.0V
–0.2
200
µA
Symbol
Parameter
65608-30
65608-45
Unit
Value
TAVAW
Write cycle time
30
45
ns
min
TAVWL
Address set-up time
00
ns
min
TAVWH
Address valid to end of
write
22
35
ns
min
TDVWH
Data set-up time
18
20
ns
min
TE1LWH
CS1 low to write end
22
35
ns
min
TE2HWH
CS2 high to write end
22
35
ns
min
TWLQZ
Write low to high Z(1)
815
ns
max
TWLWH
Write pulse width
22
35
ns
min
TWHAX
Address hold from to
end of write
00
ns
min
TWHDX
Data hold time
00
ns
min
TWHQX
Write high to low Z(1)
00
ns
min


同様の部品番号 - 930104701

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
930105201 ATMEL-930105201 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
930105201 ATMEL-930105201 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
930105202 ATMEL-930105202 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
930105202 ATMEL-930105202 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results

同様の説明 - 930104701

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
M65608E ATMEL-M65608E_07 Datasheet
1Mb / 16P
   Rad. Tolerant 128K x 8 5-volts Very Low Power CMOS SRAM
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com