データシートサーチシステム |
|
OP284BRPLB データシート(PDF) 3 Page - Maxwell Technologies |
|
OP284BRPLB データシート(HTML) 3 Page - Maxwell Technologies |
3 / 8 page 3 All data sheets are subject to change without notice ©2009 Maxwell Technologies All rights reserved. Dual Operational Amplifier OP284B 07.16.09 Rev 1 TABLE 5. OP284B ELECTRICAL CHARACTERISTICS (V+ = 15V, V- = -15V, V OUT = 0V, RS = 50Ω, RL = 100KΩ, VCM = 0V, TA = -40° C TO +125° C UNLESS OTHERWISE SPECIFIED.) PARAMETER SYMBOL TEST CONDITIONS SUBGROUPS MIN TYP MAX UNIT Input offset voltage V IO +25°C 1 -175 -- 175 µ V -40 to +125°C 2, 3 -375 -- 375 Average offset voltage drift1 V IOTC R L=2kΩ 1, 2, 3 -- -- 2 µ V/°C Offset voltage match1 ∆V IO |V IO (max) - VIO (min)|, +25° C 1 - -- 100 µ V |V IO (max) - VIO (min)|, -40 to +125° C 2, 3 - -- 200 Input bias current I B R S = 50Ω, +25° C 1 -350 -- 350 nA R S = 50Ω, -40 to +125° C 2, 3 -575 -- 575 nA Input offset current I OS R S =50Ω, +25° C 1 -35 -- 35 nA R S = 50Ω, -40 to +125° C 2, 3 -50 -- 50 nA Input bias current drift1 I IBTC R S = 50Ω 1, 2, 3 -- 200 pA/°C Input voltage range I VR 1, 2, 3 -15 -- 15 V Common mode rejection ratio CMRR V CM = -14V to +14V 4,5,6 86 -- -- dB V CM = -15V to +15V, TA=25° C 4 80 -- -- dB Output current +I O V OUT = -10V, 1ms pulse, TA=25° C 1 10 -- -- mA V OUT = -10V, 1ms pulse 2, 3 5 -- -- -I O V OUT = +10V, 1ms pulse, TA=25° C 1 -- -10 mA V OUT = -10V, 1ms pulse 2, 3 -- -5 Quiescent power supply current/amplifier +I CC I OUT = 0mA VS=±18V, TA=25° C 1 -- -- 1.80 mA I OUT = 0mA VS=±18V 2, 3 -- -- 2.25 -I CC I OUT = 0mA VS=±18V, TA=25° C 1 -1.80 -- -- mA I OUT = 0mA VS=±18V 2, 3 2.25 -- -- Power supply rejection ratio +PSRR V S=± 2V to ±18V 1, 2, 3 90 -- -- dB -PSRR V S=± 2V to ±18V 1, 2, 3 90 -- -- dB Low frequency, peak-to- peak noise1 E np-p 0.1Hz to 10Hz, R L=2kΩ, C L=50pF, TA=+25° C 1-- 0.30 -- µ V p-p Input noise voltage density1 E n R S=20Ω, fO=1kHz, RL=2kΩ, C L=50pF, TA=+25° C 1-- 3.9 -- nV/ (Hz)½ Input noise current density1 I n R S=20MΩ, fO=1kHz, RL=2kΩ, C L=50pF, TA=+25° C 1-- 0.4 -- pA/ (Hz)½ Power consumption1,2 P C +10V, I OUT=0mA, RL=2kΩ 1, 2, 3 -- 81 mW Large signal voltage gain +A VOL +10V, R L=2.0kΩ,TA=25° C 4 -- 150 V/mV +10V, R L=2.0kΩ 5,6 75 -A VOL -10V, R L=2.0kΩ,TA=25° C 4 -- 150 V/mV -10V, R L=2.0kΩ 5,6 75 |
同様の部品番号 - OP284BRPLB |
|
同様の説明 - OP284BRPLB |