データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28207FBZ データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL28207FBZ
部品情報  Precision Single and Dual Low Noise Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28207FBZ データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL28207FBZ Datasheet HTML 6Page - Intersil Corporation ISL28207FBZ Datasheet HTML 7Page - Intersil Corporation ISL28207FBZ Datasheet HTML 8Page - Intersil Corporation ISL28207FBZ Datasheet HTML 9Page - Intersil Corporation ISL28207FBZ Datasheet HTML 10Page - Intersil Corporation ISL28207FBZ Datasheet HTML 11Page - Intersil Corporation ISL28207FBZ Datasheet HTML 12Page - Intersil Corporation ISL28207FBZ Datasheet HTML 13Page - Intersil Corporation ISL28207FBZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
FN6631.1
November 16, 2009
FIGURE 25. VOL vs TEMPERATURE, VS = ±15V,
RL =2kΩ
FIGURE 26. VOH vs TEMPERATURE, VS = ±5V,
RL =10kΩ
FIGURE 27. VOL vs TEMPERATURE, VS = ±5V,
RL =10kΩ
FIGURE 28. SUPPLY CURRENT vs TEMPERATURE
FIGURE 29. POSITIVE SHORT CIRCUIT CURRENT vs
TEMPERATURE
FIGURE 30. NEGATIVE SHORT CIRCUIT CURRENT vs
TEMPERATURE
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, TA = 25°C unless otherwise
specified. (Continued)
-14.4
-14.2
-14.0
-13.8
-13.6
-13.4
-13.2
-50
0
50
100
150
TEMPERATURE (°C)
VS = ±15V
RL = 2kΩ
3.2
3.4
3.6
3.8
4.0
4.2
4.4
-50
0
50
100
150
TEMPERATURE (°C)
VS = ±5V
RL = 10kΩ
-4.4
-4.2
-4.0
-3.8
-3.6
-3.4
-3.2
-50
0
50
100
150
TEMPERATURE (°C)
VS = ±5V
RL = 10kΩ
±15V
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-50
0
50
100
150
TEMPERATURE (°C)
±2.25V
20
25
30
35
40
45
50
55
60
-50
0
50
100
150
TEMPERATURE (°C)
ISC+ @ ±15V
20
25
30
35
40
45
50
55
60
-50
0
50
100
150
TEMPERATURE (°C)
ISC- @ ±15V
ISL28107, ISL28207


同様の部品番号 - ISL28207FBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28207FBZ INTERSIL-ISL28207FBZ Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28207FBZ INTERSIL-ISL28207FBZ Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28207FBZ INTERSIL-ISL28207FBZ Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28207FBZ INTERSIL-ISL28207FBZ Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28207FBZ INTERSIL-ISL28207FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
More results

同様の説明 - ISL28207FBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com