データシートサーチシステム |
|
ISL28214FBZ-T13 データシート(PDF) 1 Page - Intersil Corporation |
|
ISL28214FBZ-T13 データシート(HTML) 1 Page - Intersil Corporation |
1 / 21 page 1 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2009. All Rights Reserved All other trademarks mentioned are the property of their respective owners. Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers ISL28114, ISL28214, ISL28414 The ISL28114, ISL28214, and ISL28414 are single, dual, and quad channel general purpose micropower, rail-to-rail input and output operational amplifiers with supply voltage range of 1.8V to 5.5V. Key features are a low supply current of 360µA maximum per channel at room temperature, a low bias current and a wide input voltage range, which enables the ISL28x14 devices to be excellent general purpose op-amps for a wide range of applications. The ISL28114 is available in the SC70-5 and SOT23-5 packages, the ISL28214 is in the MSOP8, SO8 packages, and the ISL28414 is in the TSSOP14, SOIC14 packages. All devices operate over the extended temperature range of -40°C to +125°C. Features • Low Current Consumption . . . . . . . . . . . . . 360µA • Wide Supply Range. . . . . . . . . . . . . 1.8V to 5.5V • Gain Bandwidth Product . . . . . . . . . . . . . . 5MHz • Input Bias Current . . . . . . . . . . . . . . 20pA, Max. • Operating Temperature Range . . .-40°C to +125°C •Packages - ISL28114 (Single) . . . . . . . . . SC70-5, SOT23-5 - ISL28214 (Dual) . . . . . . . . . . . . . MSOP8, SO8 - ISL28414 (Quad). . . . . . . . . SOIC14, TSSOP14 Applications*(see page 15) • Power Supply Control/Regulation • Process Control • Signal Ban/Buffers • Active Filters • Current Shunt Sensing •Trans-impedance Amp Typical Application IN- IN+ RF RREF+ ISL28x14 +5V V- V+ RIN- 10kΩ RIN+ 10kΩ - + 100kΩ VREF 100kΩ VOUT LOAD RSENSE SINGLE-SUPPLY, LOW-SIDE CURRENT SENSE AMPLIFIER GAIN = 10 December 22, 2009 FN6800.3 |
同様の部品番号 - ISL28214FBZ-T13 |
|
同様の説明 - ISL28214FBZ-T13 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |