データシートサーチシステム |
|
IXZR18N50A データシート(PDF) 2 Page - IXYS Corporation |
|
IXZR18N50A データシート(HTML) 2 Page - IXYS Corporation |
2 / 4 page IXZR18N50 & IXZR18N50A/B Z-MOS RF Power MOSFET Characteristic Values (TJ = 25°C unless otherwise specified) Symbol Test Conditions min. typ. max. IS VGS = 0 V 19 Α ISM Repetitive; pulse width limited by TJM 114 A VSD IF = Is, VGS=0 V, Pulse test, t ≤ 300 s, duty cycle ≤2% 1.5 V Trr 200 ns Source-Drain Diode IXYS RF reserves the right to change limits, test conditions and dimensions. IXYS RF MOSFETS are covered by one or more of the following U.S. patents: 4,835,592 4,860,072 4,881,106 4,891,686 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025 5,640,045 6,404,065 6,583,505 6,710,463 6,727,585 6,731,002 CAUTION: Operation at or above the Maximum Ratings values may impact device reliability or cause permanent damage to the device. Information in this document is believed to be accurate and reliable. IXYSRF reserves the right to make changes to information pub- lished in this document at any time and without notice. Symbol Test Conditions Characteristic Values (TJ = 25°C unless otherwise specified) min. typ. max. RG 1 Ω Ciss 2020 pF Coss VGS = 0 V, VDS = 0.8 VDSS(max), f = 1 MHz 172 pF Crss 21 pF Td(on) 4 ns Ton VGS = 15 V, VDS = 0.8 VDSS ID = 0.5 IDM RG = 1 Ω (External) 4 ns Td(off) 4 ns Toff 5 ns Qg(on) 42 nC Qgs VGS = 10 V, VDS = 0.5 VDSS ID = 0.5 ID25 IG = 3mA 14 nC Qgd 21 nC Cstray Back Metal to any Pin 33 pF |
同様の部品番号 - IXZR18N50A |
|
同様の説明 - IXZR18N50A |