データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL32175EFVZ データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL32175EFVZ
部品情報  QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32175EFVZ データシート(HTML) 3 Page - Intersil Corporation

  ISL32175EFVZ Datasheet HTML 1Page - Intersil Corporation ISL32175EFVZ Datasheet HTML 2Page - Intersil Corporation ISL32175EFVZ Datasheet HTML 3Page - Intersil Corporation ISL32175EFVZ Datasheet HTML 4Page - Intersil Corporation ISL32175EFVZ Datasheet HTML 5Page - Intersil Corporation ISL32175EFVZ Datasheet HTML 6Page - Intersil Corporation ISL32175EFVZ Datasheet HTML 7Page - Intersil Corporation ISL32175EFVZ Datasheet HTML 8Page - Intersil Corporation ISL32175EFVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
FN7529.0
November 19, 2009
Pin Descriptions
ISL32173E,
ISL32273E
PIN NUMBER
ISL32175E,
ISL32275E
PIN NUMBER
ISL32177E,
ISL32277E
PIN NUMBER
PIN
FUNCTION
4, 12
-
4, 15
EN, EN
Group driver output enables, that are internally pulled high to
VCC. All receiver outputs are enabled by driving EN high OR EN
low, and the outputs are all high impedance when EN is low AND
EN is high (i.e., if using only the active high EN, connect EN to
VCC or VL through a 1kΩ resistor; if using only the active low EN,
connect EN directly to GND). If the group enable function isn’t
required, connect EN to VCC (or VL) through a 1kΩ or greater
resistor, or connect EN directly to GND. (ISL32X73E and
ISL32X77E only)
-
4, 12
-
EN12, EN34 Paired driver output enables, that are internally pulled high to
VCC. Driving EN12 (EN34) high enables the channel 1 and 2
(3 and 4) RO outputs. Driving EN12 (EN34) low disables the
channel 1 and 2 (3 and 4) outputs. If the enable function isn’t
required, connect EN12 and EN34 to VCC (or VL) through a 1kΩ
or greater resistor. (ISL32X75E only).
-
-
2, 3,
16, 17
EN1, EN2,
EN3, EN4
Individual receiver output enables that are internally pulled high
to VCC. Forcing ENX high (along with EN high OR EN low) enables
the channel X output (ROX). Driving ENX low disables the
channel X output, regardless of the states of EN and EN. If the
individual channel enable function isn’t required, connect ENX to
VCC (or VL) through a 1kΩ or greater resistor. (ISL32X77E only)
-
-
9
SHDNEN
Low power SHDN mode enable that is internally pulled high to
VCC. A high level allows the ISL32X77E to enter a low power
mode when all channels are disabled. A low level prevents the
device from entering the low power mode. (ISL32X77E only)
3, 5,
11, 13
3, 5,
11, 13
1, 6,
13, 18
RO1, RO2,
RO3, RO4
Channel X receiver output: If A - B ≥ 200mV, RO is high;
If A - B ≤ -200mV, RO is low. RO = High if A and B are unconnected
(floating).
8
8
10, PD
GND
Ground connection. This is also the potential of the QFN thermal
pad.
2, 6,
10, 14
2, 6,
10, 14
24, 7,
12, 19
A1, A2,
A3, A4
±16.5kV IEC61000-4-2 ESD Protected RS-485/422 level,
channel X noninverting receiver input.
1, 7,
9, 15
1, 7,
9, 15
23, 8,
11, 20
B1, B2,
B3, B4
±16.5kV IEC61000-4-2 ESD Protected RS-485/422 level,
channel X inverting receiver input.
16
16
22
VCC
System power supply input (3.0V to 5.5V). On devices with a VL
pin, power up VCC first.
-
-
21
VL
Logic power supply input (1.4V to VCC) that powers all the
TTL/CMOS inputs and outputs (logic pins). VL sets the VIH and
VIL levels of the enable and SHDNEN pins, and sets the VOH level
of the RO pins. Connect the VL pin to the lower voltage power
supply of a logic device (e.g., UART or μcontroller) interfacing
with the ISL32X77E logic pins. Power up this supply after VCC,
and keep VL ≤ VCC. To minimize input current and SHDN supply
current, logic pins that are strapped high externally (preferably
through a 1kΩ resistor) should connect to VCC, but they may also
connect to VL. (ISL32X77E only)
-
-
5, 14
NC
No Connection.
ISL32173E, ISL32175E, ISL32177E, ISL32273E, ISL32275E, ISL32277E


同様の部品番号 - ISL32175EFVZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL32175EFVZ RENESAS-ISL32175EFVZ Datasheet
1Mb / 21P
   Telecom equipment
More results

同様の説明 - ISL32175EFVZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
   5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com