データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMBTH10M3T5G データシート(PDF) 1 Page - ON Semiconductor

部品番号 MMBTH10M3T5G
部品情報  NPN VHF/UHF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTH10M3T5G データシート(HTML) 1 Page - ON Semiconductor

  MMBTH10M3T5G Datasheet HTML 1Page - ON Semiconductor MMBTH10M3T5G Datasheet HTML 2Page - ON Semiconductor MMBTH10M3T5G Datasheet HTML 3Page - ON Semiconductor MMBTH10M3T5G Datasheet HTML 4Page - ON Semiconductor MMBTH10M3T5G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2009
January, 2009 − Rev. 0
1
Publication Order Number:
MMBTH10M3/D
MMBTH10M3T5G
NPN VHF/UHF Transistor
The MMBTH10M3T5G device is a spin−off of our popular
SOT−23 three−leaded device. It is designed for general purpose
VHF/UHF applications and is housed in the SOT−723 surface mount
package. This device is ideal for low−power surface mount
applications where board space is at a premium.
Features
Reduces Board Space
This is a Halide−Free Device
This is a Pb−Free Device
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
25
Vdc
Collector−Base Voltage
VCBO
30
Vdc
Emitter−Base Voltage
VEBO
3.0
Vdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
FR−5 Board (Note 1)
TA = 25°C
Derate above 25°C
PD
265
2.1
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA
470
°C/W
Total Device Dissipation
Alumina Substrate, (Note 2) TA = 25°C
Derate above 25°C
PD
640
5.1
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA
195
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−5 = 1.0  0.75  0.062 in.
2. Alumina = 0.4  0.3  0.024 in. 99.5% alumina.
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MMBTH10M3T5G
SOT−723
(Pb−Free)
8000/Tape & Reel
COLLECTOR
3
1
BASE
2
EMITTER
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOT−723
CASE 631AA
STYLE 1
1
2
3
AJ M
AJ
= Specific Device Code
M
= Date Code
MARKING
DIAGRAM


同様の部品番号 - MMBTH10M3T5G

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
MMBTH10 FAIRCHILD-MMBTH10 Datasheet
71Kb / 6P
   NPN RF Transistor
logo
Micro Commercial Compon...
MMBTH10 MCC-MMBTH10 Datasheet
179Kb / 2P
   NPN VHF/UHF Transistors
logo
SHIKUES Electronics
MMBTH10 SKTECHNOLGY-MMBTH10 Datasheet
234Kb / 2P
   NPN-General use transistor 225mW 50mA 20V
logo
Diodes Incorporated
MMBTH10 DIODES-MMBTH10 Datasheet
55Kb / 2P
   NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31031 Rev. 4 - 2
logo
Shenzhen Jin Yu Semicon...
MMBTH10 HTSEMI-MMBTH10 Datasheet
302Kb / 1P
   TRANSISTOR(NPN)
More results

同様の説明 - MMBTH10M3T5G

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MMT918 MOTOROLA-MMT918 Datasheet
34Kb / 1P
   NPN VHF/UHF TRANSISTOR
logo
ON Semiconductor
MMBT918LT1 ONSEMI-MMBT918LT1 Datasheet
48Kb / 3P
   VHF/UHF Transistor NPN Silicon
January, 2006 ??Rev. 5
logo
Pan Jit International I...
MMBT918W PANJIT-MMBT918W Datasheet
97Kb / 3P
   VHF/UHF NPN SILICON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
MMBTH10 SEMTECH_ELEC-MMBTH10 Datasheet
130Kb / 1P
   NPN Silicon VHF/UHF Transistor
logo
ON Semiconductor
MMBTH10LT1 ONSEMI-MMBTH10LT1 Datasheet
52Kb / 6P
   VHF/UHF Transistor (NPN Silicon)
December, 2003 ??Rev. 2
logo
Weitron Technology
MMBTH10 WEITRON-MMBTH10 Datasheet
224Kb / 5P
   NPN Silicon VHF/UHF Transistor
logo
Pan Jit International I...
MMBT918 PANJIT-MMBT918 Datasheet
142Kb / 3P
   VHF/UHF NPN SILICON TRANSISTOR
MMBTH10 PANJIT-MMBTH10_06 Datasheet
154Kb / 5P
   VHF/UHF NPN SILICON TRANSISTOR
logo
ON Semiconductor
MMBT918LT1G ONSEMI-MMBT918LT1G_09 Datasheet
118Kb / 3P
   VHF/UHF Transistor NPN Silicon
August, 2009 ??Rev. 6
logo
Cystech Electonics Corp...
BTC2059A3 CYSTEKEC-BTC2059A3 Datasheet
153Kb / 4P
   VHF/UHF NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com