データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZV393M-E1 データシート(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

部品番号 AZV393M-E1
部品情報  DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV393M-E1 データシート(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV393M-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZV393M-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV393M-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV393M-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV393M-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV393M-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV393M-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV393M-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV393M-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
6
Nov. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV393
6
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 4. Supply Current vs. Supply Voltage
Figure 5. Supply Current vs. Supply Voltage
Figure 6. Supply Current vs. Case Temperature
Figure 7. Supply Current vs. Case Temperature
Typical Performance Characteristics
TA=25oC, unless otherwise specified.
-40
-20
0
20
406080
100
120
40
50
60
70
80
90
100
110
120
130
140
150
160
Case Tempareture (
oC)
Output High
Output Low
V
CC=5V, VEE=0V
-40
-20
0
20
406080
100
120
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
Case Tempareture (
oC)
Output High
Output Low
V
CC=2.7V, VEE=0V
123
4
56
78
0
20
40
60
80
100
120
140
160
180
200
T
C=-40
oC
T
C=25
oC
T
C=125
oC
Supply Voltage (V)
Output Low
123
4
56
78
0
10
20
30
40
50
60
70
80
90
100
110
T
C=-40
oC
T
C=25
oC
T
C=125
oC
Supply Voltage (V)
Output High


同様の部品番号 - AZV393M-E1

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AZV393M-E1 BCDSEMI-AZV393M-E1 Datasheet
79Kb / 2P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV393M-E1 DIODES-AZV393M-E1 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
More results

同様の説明 - AZV393M-E1

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AZV393 BCDSEMI-AZV393 Datasheet
79Kb / 2P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV393 DIODES-AZV393 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
   GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
   General-purpose low voltage comparator
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
BCD Semiconductor Manuf...
AZV331 BCDSEMI-AZV331 Datasheet
384Kb / 14P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
   Single General Purpose Voltage Comparator
logo
Texas Instruments
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
[Old version datasheet]   Single General Purpose Voltage Comparator
LM397 TI1-LM397_15 Datasheet
859Kb / 19P
[Old version datasheet]   Single General-Purpose Voltage Comparator
logo
National Semiconductor ...
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
   Single General Purpose Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com