データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZV393MM-G1 データシート(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

部品番号 AZV393MM-G1
部品情報  DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV393MM-G1 データシート(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV393MM-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV393MM-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV393MM-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV393MM-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV393MM-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV393MM-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZV393MM-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZV393MM-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZV393MM-G1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
10
Nov. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV393
10
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 21. 100kHz Response
Figure 22. 100kHz Response
Figure 19. Response Time for Positive Transition
Figure 20. Response Time for Negative Transition
Typical Performance Characteristics (Continued)
TA=25oC, unless otherwise specified.
Output
Input
Input Overdrive
Voltage=100mV
20mV
10mV
5mV
VCC=5V, RL=5.1KΩ
Output
Input
Input Overdrive
Voltage=100mV
20mV
10mV
5mV
VCC=5V, RL=5.1KΩ
Output
Input
V
CC=5V, RL=5.1KΩ
Input Overdrive Voltage=100mV
Output
Input
V
CC=5V, RL=5.1KΩ
Input Overdrive Voltage=10mV


同様の部品番号 - AZV393MM-G1

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AZV393MM-G1 DIODES-AZV393MM-G1 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
More results

同様の説明 - AZV393MM-G1

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AZV393 BCDSEMI-AZV393 Datasheet
79Kb / 2P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV393 DIODES-AZV393 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
   GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
   General-purpose low voltage comparator
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
BCD Semiconductor Manuf...
AZV331 BCDSEMI-AZV331 Datasheet
384Kb / 14P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
   Single General Purpose Voltage Comparator
logo
Texas Instruments
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
[Old version datasheet]   Single General Purpose Voltage Comparator
LM397 TI1-LM397_15 Datasheet
859Kb / 19P
[Old version datasheet]   Single General-Purpose Voltage Comparator
logo
National Semiconductor ...
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
   Single General Purpose Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com