データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TB62708N データシート(PDF) 3 Page - Marktech Corporate

部品番号 TB62708N
部品情報  16 Bit Constant Current LED Source Driver with Shift Register and Latch Functions
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARKTECH [Marktech Corporate]
ホームページ  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62708N データシート(HTML) 3 Page - Marktech Corporate

  TB62708N Datasheet HTML 1Page - Marktech Corporate TB62708N Datasheet HTML 2Page - Marktech Corporate TB62708N Datasheet HTML 3Page - Marktech Corporate TB62708N Datasheet HTML 4Page - Marktech Corporate TB62708N Datasheet HTML 5Page - Marktech Corporate TB62708N Datasheet HTML 6Page - Marktech Corporate TB62708N Datasheet HTML 7Page - Marktech Corporate TB62708N Datasheet HTML 8Page - Marktech Corporate TB62708N Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
T
TT
T
TOSHIB
OSHIB
OSHIB
OSHIB
OSHIBA Bi-CMOS
A Bi-CMOS
A Bi-CMOS
A Bi-CMOS
A Bi-CMOS
Constant Cur
Constant Cur
Constant Cur
Constant Cur
Constant Currrrrrent Interf
ent Interf
ent Interf
ent Interf
ent Interface Dri
ace Dri
ace Dri
ace Dri
ace Drivvvvver
er
er
er
er
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
TB62708N
TB62708N
TB62708N
TB62708N
TB62708N
Truth Table:
Equivalent Circuit of Inputs and Outputs:
Maximum Ratings:
CLOCK
LATCH
ENABLE
SERIAL-IN
OUT0
OUT7
OUT15
SERIAL-OUT2
UP
H
L
Dn
Dn
Dn-7
Dn-15
Dn-16
DOWN
H
L
Dn
Dn
Dn-7
Dn-15
Dn-15
UP
L
L
Dn+1
No Change (data hold)
No Change
DOWN
L
L
Dn+1
No Change (data hold)
Dn-14
No Edge
H
L
Dn+1
Dn +1
Dn-6
Dn-14
No Change
No Edge
X
H
Dn+1
Off
No Change
CHARACTER
SYMBOL
RATING
UNIT
Supply Voltage
VDD
+7.0
V
Supply Voltage for LED
VCC
+17.0
V
Output Voltage
VCE
-0.4~+17.0
V
Output Current
IOUT
-90
mA
Input Voltage
VIN
-0.4~VDD + 0.4
V
GND Terminal Current
IGND
1440
mA
Clock Frequency
FCLK
15
MHz
Power Dissipation
PD
2.08 (ON PCB,Ta=25°C)
1.56 (FREE AIR, Ta=25°C)
W
Operating Temperature
Topr
-40~+85
°C
Storage Temperature
Tstg
-55~+150
°C
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


同様の部品番号 - TB62708N

メーカー部品番号データシート部品情報
logo
Marktech Corporate
TB62701 MARKTECH-TB62701 Datasheet
353Kb / 10P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
TB62701AN MARKTECH-TB62701AN Datasheet
353Kb / 10P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
TB62701ANG MARKTECH-TB62701ANG Datasheet
604Kb / 15P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62701N TOSHIBA-TB62701N Datasheet
372Kb / 11P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
TB62702 TOSHIBA-TB62702 Datasheet
279Kb / 8P
   10 BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/ LATCH/10SEGMENT LED DRIVERS
More results

同様の説明 - TB62708N

メーカー部品番号データシート部品情報
logo
Marktech Corporate
TB62705CP MARKTECH-TB62705CP Datasheet
382Kb / 10P
   8 Bit Constant Current LED Driver with Shift Register and Latch Functions
logo
Mitsubishi Electric Sem...
M66503ASP MITSUBISHI-M66503ASP Datasheet
114Kb / 8P
   16-BIT CONSTANT CURRENT LED DRIVER with SHIFT REGISTER AND LATCH
logo
Renesas Technology Corp
M66310P RENESAS-M66310P Datasheet
169Kb / 10P
   16-Bit LED Driver with Shift Register and Latch
R8A66160DD RENESAS-R8A66160DD Datasheet
586Kb / 8P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66161DD RENESAS-R8A66161DD Datasheet
682Kb / 8P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
logo
Mitsubishi Electric Sem...
M66310P MITSUBISHI-M66310P Datasheet
221Kb / 5P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66311P MITSUBISHI-M66311P Datasheet
213Kb / 5P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
logo
Renesas Technology Corp
M66311P RENESAS-M66311P Datasheet
168Kb / 10P
   16-Bit LED Driver with Shift Register and Latch
logo
Panasonic Semiconductor
DN8667NS PANASONIC-DN8667NS Datasheet
49Kb / 5P
   8-Bit Shift Register Latch Constant Current Driver IC
logo
Renesas Technology Corp
R8A66162SP RENESAS-R8A66162SP Datasheet
476Kb / 8P
   32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com