データシートサーチシステム |
|
LA38B-74-Y-PF データシート(PDF) 6 Page - LIGITEK electronics co., ltd. |
|
LA38B-74-Y-PF データシート(HTML) 6 Page - LIGITEK electronics co., ltd. |
6 / 6 page LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only Reference Standard Description Test Item Reliability Test: Test Condition The purpose of this is the resistance of the device which is laid under condition of low temperature for hours. The purpose of this is the resistance of the device which is laid under condition of high temperature for hours. Operating Life Test Low Temperature Storage Test High Temperature Storage Test 1.Ta=-40 ℃±5℃ 2.t=1000 hrs (-24hrs, +72hrs) 1.Ta=105 ℃±5℃ 2.t=1000 hrs (-24hrs, +72hrs) 1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs) This test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed. JIS C 7021: B-12 MIL-STD-883:1008 JIS C 7021: B-10 MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1 Page 5/5 The purpose of this test is the resistance of the device under tropical for hours. The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. 1.Ta=65 ℃±5℃ 2.RH=90 %~95% 3.t=240hrs ±2hrs High Temperature High Humidity Test Thermal Shock Test 1.Ta=105 ℃±5℃&-40℃±5℃ (10min) (10min) 2.total 10 cycles This test intended to see soldering well performed or not. 1.T.Sol=230 ℃±5℃ 2.Dwell time=5 ±1sec Solderability Test This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. 1.T.Sol=260 ℃±5℃ 2.Dwell time= 10 ±1sec. Solder Resistance Test MIL-STD-202:103B JIS C 7021: B-11 MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011 MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2 MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1 PART NO. LA38B-74/Y-PF |
同様の部品番号 - LA38B-74-Y-PF |
|
同様の説明 - LA38B-74-Y-PF |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |