データシートサーチシステム |
|
LA46B-DBKUG-7-PF データシート(PDF) 7 Page - LIGITEK electronics co., ltd. |
|
LA46B-DBKUG-7-PF データシート(HTML) 7 Page - LIGITEK electronics co., ltd. |
7 / 7 page LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only Page 6/6 Reference Standard Description JIS C 7021: B-12 The purpose of this is the resistance of the device which is laid under condition of low temperature for hours. MIL-STD-883:1008 JIS C 7021: B-10 The purpose of this is the resistance of the device which is laid under condition of high temperature for hours. MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1 This test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed. Test Item Reliability Test: Operating Life Test Low Temperature Storage Test High Temperature Storage Test 1.Ta=-40 ℃±5℃ 2.t=1000 hrs (-24hrs, +72hrs) 1.Ta=105 ℃±5℃ 2.t=1000 hrs (-24hrs, +72hrs) 1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs) Test Condition MIL-STD-202:103B JIS C 7021: B-11 The purpose of this test is the resistance of the device under tropical for hours. MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011 The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2 This test intended to see soldering well performed or not. MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1 This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. 1.Ta=65 ℃±5℃ 2.RH=90 %~95% 3.t=240hrs ±2hrs High Temperature High Humidity Test Thermal Shock Test Solder Resistance Test Solderability Test 1.T.Sol=260 ℃±5℃ 2.Dwell time= 10 ±1sec. 1.T.Sol=230 ℃±5℃ 2.Dwell time=5 ±1sec 1.Ta=105 ℃±5℃&-40℃±5℃ (10min) (10min) 2.total 10 cycles PART NO. LA46B/DBKUG-7-PF |
同様の部品番号 - LA46B-DBKUG-7-PF |
|
同様の説明 - LA46B-DBKUG-7-PF |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |