データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP2G80DQER データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUP2G80DQER
部品情報  LOW-POWER DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP2G80DQER データシート(HTML) 8 Page - Texas Instruments

Back Button SN74AUP2G80DQER Datasheet HTML 4Page - Texas Instruments SN74AUP2G80DQER Datasheet HTML 5Page - Texas Instruments SN74AUP2G80DQER Datasheet HTML 6Page - Texas Instruments SN74AUP2G80DQER Datasheet HTML 7Page - Texas Instruments SN74AUP2G80DQER Datasheet HTML 8Page - Texas Instruments SN74AUP2G80DQER Datasheet HTML 9Page - Texas Instruments SN74AUP2G80DQER Datasheet HTML 10Page - Texas Instruments SN74AUP2G80DQER Datasheet HTML 11Page - Texas Instruments SN74AUP2G80DQER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SN74AUP2G80
SCES756 – DECEMBER 2009
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
52
50
1.2 V ± 0.1 V
98
130
1.5 V ± 0.1 V
148
180
fmax
MHz
1.8 V ± 0.15 V
196
240
2.5 V ± 0.2 V
249
250
3.3 V ± 0.3 V
280
260
0.8 V
21.5
1.2 V ± 0.1 V
3
9.1
17.4
4.1
19
1.5 V ± 0.1 V
3.2
6.5
11.7
3.2
12.3
tpd
CLK
Q
ns
1.8 V ± 0.15 V
2.7
4.2
9.2
2.6
9.8
2.5 V ± 0.2 V
2.2
3.8
6.5
2.1
6.9
3.3 V ± 0.3 V
1.9
3.1
5.1
1.8
5.5
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
32
20
1.2 V ± 0.1 V
71
80
1.5 V ± 0.1 V
104
120
fmax
MHz
1.8 V ± 0.15 V
133
160
2.5 V ± 0.2 V
181
220
3.3 V ± 0.3 V
257
260
0.8 V
28.4
1.2 V ± 0.1 V
5.1
11.8
20.7
6.2
28.7
1.5 V ± 0.1 V
4.8
8.5
14.1
6.9
16.7
tpd
CLK
Q
ns
1.8 V ± 0.15 V
4
6.9
11.2
2
13.3
2.5 V ± 0.2 V
3.3
5.1
7.9
3.2
9.3
3.3 V ± 0.3 V
2.9
4.2
6.4
2.8
7.5
OPERATING CHARACTERISTICS
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
4
1.2 V ± 0.1 V
4
1.5 V ± 0.1 V
4
Cpd
Power dissipation capacitance
f = 10 MHz
pF
1.8 V ± 0.15 V
4
2.5 V ± 0.2 V
4.1
3.3 V ± 0.3 V
4.3
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP2G80


同様の部品番号 - SN74AUP2G80DQER

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP2G00 TI1-SN74AUP2G00 Datasheet
695Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00-Q1 TI1-SN74AUP2G00-Q1 Datasheet
406Kb / 14P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00DCUR TI1-SN74AUP2G00DCUR Datasheet
695Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00DQER TI1-SN74AUP2G00DQER Datasheet
695Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00QDCURQ1 TI1-SN74AUP2G00QDCURQ1 Datasheet
406Kb / 14P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
More results

同様の説明 - SN74AUP2G80DQER

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP2G79 TI-SN74AUP2G79 Datasheet
291Kb / 14P
[Old version datasheet]   LOW-POWER DUAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
   DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com