データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP2G240DQER データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUP2G240DQER
部品情報  LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP2G240DQER データシート(HTML) 1 Page - Texas Instruments

  SN74AUP2G240DQER Datasheet HTML 1Page - Texas Instruments SN74AUP2G240DQER Datasheet HTML 2Page - Texas Instruments SN74AUP2G240DQER Datasheet HTML 3Page - Texas Instruments SN74AUP2G240DQER Datasheet HTML 4Page - Texas Instruments SN74AUP2G240DQER Datasheet HTML 5Page - Texas Instruments SN74AUP2G240DQER Datasheet HTML 6Page - Texas Instruments SN74AUP2G240DQER Datasheet HTML 7Page - Texas Instruments SN74AUP2G240DQER Datasheet HTML 8Page - Texas Instruments SN74AUP2G240DQER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DCU PACKAGE
(TOP VIEW)
1
8
2
7
3
6
1OE
1A
2Y
GND
4
5
V
CC
2OE
1Y
2A
RSE PACKAGE
(TOP VIEW)
1
7
2
6
8
3
5
4
V
CC
2OE
1Y
2A
GND
1OE
1A
2Y
DQE PACKAGE
(TOP VIEW)
1
8
2
7
3
6
1OE
1A
2Y
GND
4
5
V
CC
2OE
1Y
2A
1OE
1A
GND
2Y
V
CC
2OE
1Y
2A
YFP PACKAGE
(TOP VIEW)
4 5
3 6
2 7
1 8
A1
A2
B1
B2
C1
C2
D1
D2
(A)
Single, dual, and triple gates
Static-Power Consumption
(µA)
AUP
AUP
3.3-V
Logic
(A)
0%
20%
40%
60%
80%
100%
Dynamic-Power Consumption
(pF)
AUP
AUP
3.3-V
Logic
(A)
0%
20%
40%
60%
80%
100%
Switching Characteristics
at 25 MHz
(A)
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
5
10
15
20
25
30
35
40
45
Time (ns)
Output
Input
(A) SN74AUP2Gxx data at C = 15 pF.
L
SN74AUP2G240
www.ti.com
SCES760 – DECEMBER 2009
LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Check for Samples: SN74AUP2G240
1
FEATURES
Available in the Texas Instruments NanoStar™
Optimized for 3.3-V Operation
Package
3.6-V I/O Tolerant to Support Mixed-Mode
Low Static-Power Consumption
Signal Operation
(ICC = 0.9 μA Maximum)
tpd = 4.7 ns Maximum at 3.3 V
Low Dynamic-Power Consumption
Suitable for Point-to-Point Applications
(Cpd = 4.2 pF Typ at 3.3 V)
Latch-Up Performance Exceeds 100 mA Per
Low Input Capacitance (Ci = 1.5 pF Typical)
JESD 78, Class II
Low Noise – Overshoot and Undershoot
ESD Performance Tested Per JESD 22
<10% of VCC
2000-V Human-Body Model
Ioff Supports Partial-Power-Down Mode
(A114-B, Class II)
Operation
1000-V Charged-Device Model (C101)
Wide Operating VCC Range of 0.8 V to 3.6 V
See mechanical drawings for dimensions.
DESCRIPTION/ORDERING INFORMATION
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static- and dynamic-power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in increased battery life (see Figure 1). This product also maintains excellent signal
integrity (see the very low undershoot and overshoot characteristics shown in Figure 2).
Figure 1. AUP – The Lowest-Power Family
Figure 2. Excellent Signal Integrity
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - SN74AUP2G240DQER

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP2G240DQER TI-SN74AUP2G240DQER Datasheet
645Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74AUP2G240DQER

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP2G240 TI-SN74AUP2G240_10 Datasheet
645Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G241 TI-SN74AUP2G241 Datasheet
298Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_09 Datasheet
526Kb / 15P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240_1 Datasheet
538Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN64BCT306 TI-SN64BCT306 Datasheet
90Kb / 6P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240 Datasheet
432Kb / 12P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G241 TI-SN74LVC2G241 Datasheet
380Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_08 Datasheet
427Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G240 TI1-SN74LVC2G240_16 Datasheet
850Kb / 17P
[Old version datasheet]   Dual Buffer Driver With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com