データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP3G07DCUR データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUP3G07DCUR
部品情報  LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP3G07DCUR データシート(HTML) 9 Page - Texas Instruments

Back Button SN74AUP3G07DCUR Datasheet HTML 5Page - Texas Instruments SN74AUP3G07DCUR Datasheet HTML 6Page - Texas Instruments SN74AUP3G07DCUR Datasheet HTML 7Page - Texas Instruments SN74AUP3G07DCUR Datasheet HTML 8Page - Texas Instruments SN74AUP3G07DCUR Datasheet HTML 9Page - Texas Instruments SN74AUP3G07DCUR Datasheet HTML 10Page - Texas Instruments SN74AUP3G07DCUR Datasheet HTML 11Page - Texas Instruments SN74AUP3G07DCUR Datasheet HTML 12Page - Texas Instruments SN74AUP3G07DCUR Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
5, 10, 15, 30 pF
VCC/2
VCC
0.15 V
VCC = 1.2 V
± 0.1 V
VCC = 0.8 V
VCC = 1.5 V
± 0.1 V
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
5, 10, 15, 30 pF
VCC/2
VCC
0.1 V
5, 10, 15, 30 pF
VCC/2
VCC
0.1 V
5, 10, 15, 30 pF
VCC/2
VCC
0.1 V
CL
VM
VI
V
5, 10, 15, 30 pF
VCC/2
VCC
0.15 V
5, 10, 15, 30 pF
VCC/2
VCC
0.3 V
Output
Waveform 1
S1 at 2 xVCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VCC
0 V
VOL + V
VOH - V
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Control
VCC/2
VCC/2
VCC/2
VCC/2
tPLZ/tPZL
tPHZ/tPZH
2 x VCC
GND
TEST
S1
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
GND
5 kΩ
5 kΩ
2 x VCC
SN74AUP3G07
www.ti.com
SCES780A – DECEMBER 2009 – REVISED DECEMBER 2009
PARAMETER MEASUREMENT INFORMATION
(Enable and Disable Times)
A.
CL includes probe and jig capacitance.
B.
Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output
control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the
output control.
C.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf = 3 ns.
D.
The outputs are measured one at a time, with one transition per measurement.
E.
tPLZ and tPHZ are the same as tdis.
F.
tPLH and tPHL are the same as tpd.
G.
All parameters and waveforms are not applicable to all devices.
Figure 4. Load Circuit and Voltage Waveforms
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN74AUP3G07


同様の部品番号 - SN74AUP3G07DCUR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
810Kb / 18P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04DCUR TI-SN74AUP3G04DCUR Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04DCUR TI-SN74AUP3G04DCUR Datasheet
810Kb / 18P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04DQER TI-SN74AUP3G04DQER Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
More results

同様の説明 - SN74AUP3G07DCUR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LVC3G07 TI-SN74LVC3G07 Datasheet
342Kb / 13P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC3G07 TI1-SN74LVC3G07_16 Datasheet
844Kb / 16P
[Old version datasheet]   Triple Buffer/Driver With Open-drain Outputs
SN74LVC3G07 TI1-SN74LVC3G07_18 Datasheet
935Kb / 18P
[Old version datasheet]   Triple Buffer/Driver With Open-drain Outputs
SN74LVC3G07-Q1 TI1-SN74LVC3G07-Q1 Datasheet
270Kb / 9P
[Old version datasheet]   TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC3G07 TI-SN74LVC3G07_08 Datasheet
405Kb / 12P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC3G07-EP TI-SN74LVC3G07-EP Datasheet
338Kb / 10P
[Old version datasheet]   TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC3G06 TI1-SN74LVC3G06_16 Datasheet
844Kb / 16P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI1-SN74LVC3G06_17 Datasheet
937Kb / 18P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI-SN74LVC3G06 Datasheet
319Kb / 12P
[Old version datasheet]   TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com