データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2039D1YFFT データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2039D1YFFT
部品情報  3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2039D1YFFT データシート(HTML) 3 Page - Texas Instruments

  TPA2039D1YFFT Datasheet HTML 1Page - Texas Instruments TPA2039D1YFFT Datasheet HTML 2Page - Texas Instruments TPA2039D1YFFT Datasheet HTML 3Page - Texas Instruments TPA2039D1YFFT Datasheet HTML 4Page - Texas Instruments TPA2039D1YFFT Datasheet HTML 5Page - Texas Instruments TPA2039D1YFFT Datasheet HTML 6Page - Texas Instruments TPA2039D1YFFT Datasheet HTML 7Page - Texas Instruments TPA2039D1YFFT Datasheet HTML 8Page - Texas Instruments TPA2039D1YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TPA2039D1
www.ti.com
SLOS652 – DECEMBER 2009
ELECTRICAL CHARACTERISTICS
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output offset voltage (measured
|VOS|
VI = 0 V, VDD = 2.5 V to 5.5 V
1
10
mV
differentially)
|IIH|
High-level EN input current
VDD = 5.5 V, VEN = 5.5 V
50
μA
|IIL|
Low-level EN input current
VDD = 5.5 V, VEN = 0 V
1
μA
VDD = 5.5 V, no load
1.8
2.5
I(Q)
Quiescent current
VDD = 3.6 V, no load
1.5
2.3
mA
VDD = 2.5 V, no load
1.3
2.1
I(SD)
Shutdown current
VEN = 0.35 V, VDD = 3.6 V
0.1
2
μA
RO, SD
Output impedance in shutdown mode
VEN = 0.35 V
2
k
f(SW)
Switching frequency
VDD = 2.5 V to 5.5 V
250
300
350
kHz
AV
Gain
VDD = 2.5 V to 5.5 V, RL = no load
11.5
12
12.5
dB
REN
Resistance from EN to GND
300
k
RIN
Single ended input resistance
VEN ≥ VIH
75
k
VEN ≤ VIL
75
OPERATING CHARACTERISTICS
VDD = 3.6 V, TA = 25°C, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5 V
3.24
THD + N = 10%, f = 1 kHz, RL = 4 Ω
VDD = 3.6 V
1.62
W
VDD = 2.5 V
0.70
VDD = 5 V
2.57
THD + N = 1%, f = 1 kHz, RL = 4 Ω
VDD = 3.6 V
1.32
W
VDD = 2.5 V
0.57
PO
Output power
VDD = 5 V
1.80
THD + N = 10%, f = 1 kHz, RL = 8 Ω
VDD = 3.6 V
0.91
W
VDD = 2.5 V
0.42
VDD = 5 V
1.46
THD + N = 1%, f = 1 kHz, RL = 8 Ω
VDD = 3.6 V
0.74
W
VDD = 2.5 V
0.33
VDD = 3.6 V, Inputs AC grounded
A-weighting
27
Vn
Noise output voltage
μVRMS
with CI = 2μF, f = 20 Hz to 20 kHz
No weighting
36
VDD = 5.0 V, PO = 1.0 W, f = 1 kHz, RL = 8 Ω
0.12%
VDD = 3.6 V, PO = 0.5 W, f = 1 kHz, RL = 8 Ω
0.05%
VDD = 2.5 V, PO = 0.2 W, f = 1 kHz, RL = 8 Ω
0.05%
Total harmonic distortion plus
THD+N
noise
VDD = 5.0 V, PO = 2.0 W, f = 1 kHz, RL = 4 Ω
0.32%
VDD = 3.6 V, PO = 1.0 W, f = 1 kHz, RL = 4 Ω
0.11%
VDD = 2.5 V, PO = 0.4 W, f = 1 kHz, RL = 4 Ω
0.12%
VDD = 3.6 V, Inputs AC grounded with CI = 2 μF,
PSRR
AC power supply rejection ratio
82
dB
200 mVpp ripple, f = 217 Hz
CMRR
Common mode rejection ratio
VDD = 3.6 V, VIC = 1 VPP, f = 217 Hz
77
dB
TSU
Startup time from shutdown
VDD = 3.6 V
4
ms
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPA2039D1


同様の部品番号 - TPA2039D1YFFT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2039D1YFFEVM TI-TPA2039D1YFFEVM Datasheet
738Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
More results

同様の説明 - TPA2039D1YFFT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2039D1YFFEVM TI-TPA2039D1YFFEVM Datasheet
738Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1_15 Datasheet
905Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1 Datasheet
499Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
logo
Diodes Incorporated
PAM8014 DIODES-PAM8014 Datasheet
706Kb / 9P
   3.2W MONO CLASS D AUDIO AMPLIFIER
logo
Texas Instruments
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2038D1 TI1-TPA2038D1 Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
Nuvoton Technology Corp...
NAU82039 NUVOTON-NAU82039 Datasheet
788Kb / 18P
   3.2W Mono Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU82039 ETC2-NAU82039 Datasheet
788Kb / 18P
   3.2W Mono Filter-Free Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com