データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N2647 データシート(PDF) 1 Page - Comset Semiconductor

部品番号 2N2647
部品情報  SILICON UNIJUNCTION TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMSET [Comset Semiconductor]
ホームページ  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2647 データシート(HTML) 1 Page - Comset Semiconductor

  2N2647 Datasheet HTML 1Page - Comset Semiconductor 2N2647 Datasheet HTML 2Page - Comset Semiconductor 2N2647 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N2646
2N2647
SILICON UNIJUNCTION TRANSISTORS
Silicon Planar Unijunction Transistors have a structure resulting in lower saturation
voltage, peak-point current and valley current as zell as a much higher base-one peak
pulse voltage. In addition, these devices are much faster switches.
The 2N2646 is intended for general purpose industrial applications where circuit
economy is of primary importance, and is ideal for use in firing circuits for Silicon
Controlled Rectifiers and other applications where a guaranteed minimum pulse
amplitude is required. The 2N2647 is intended for applications where a low emitter
leakage current and a low peak point emitter current (trigger current) are required and
also for triggering high power SCR’s.
ABSOLUTE MAXIMUM RATINGS
Tj=125°C unless otherwise noted
Symbol
Ratings
2N2646
2N2647
Unit
VB2E
Emitter-Base2 Voltage
30
V
Ie
RMS Emitter Current
50
mA
ie
Peak Pulse Emitter Current *
2
A
VB2B1
Interbase Voltage
35
V
PD
RMS power Dissipation
300
mW
TJ
Junction Temperature
-65 to +125
°C
TStg
Storage Temperature
-65 to +150
°C
Capacitor discharge – 10µF or less, 30volts or less.


同様の部品番号 - 2N2647

メーカー部品番号データシート部品情報
logo
Boca Semiconductor Corp...
2N2647 BOCA-2N2647 Datasheet
133Kb / 2P
   Silicon PN Unijuction Transistor
logo
List of Unclassifed Man...
2N2647 ETC-2N2647 Datasheet
54Kb / 2P
   SILICON UNIJONCTION TRANSISTORS
logo
Central Semiconductor C...
2N2647 CENTRAL-2N2647 Datasheet
177Kb / 4P
   MU4893
logo
New Jersey Semi-Conduct...
2N2647 NJSEMI-2N2647 Datasheet
337Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
logo
Comset Semiconductor
2N2647 COMSET-2N2647 Datasheet
124Kb / 2P
   SILICON UNIJUNCTION TRANSISTORS
More results

同様の説明 - 2N2647

メーカー部品番号データシート部品情報
logo
Boca Semiconductor Corp...
2N4870 BOCA-2N4870 Datasheet
162Kb / 5P
   PN UNIJUNCTION TRANSISTORS SILICON UNIJUNCTION TRANSISTORS
logo
Comset Semiconductor
2N2646 COMSET-2N2646_12 Datasheet
124Kb / 2P
   SILICON UNIJUNCTION TRANSISTORS
logo
Motorola, Inc
2N4948 MOTOROLA-2N4948 Datasheet
70Kb / 2P
   PN UNIJUNCTION TRANSISTORS SILICON PN UNIJUNCTION TRANSISTORS
logo
Digitron Semiconductors
2N6116 DIGITRON-2N6116 Datasheet
1Mb / 4P
   SILICON PROGRAMMABLE UNIJUNCTION TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6027 NJSEMI-2N6027 Datasheet
140Kb / 1P
   SILICON PROGRAMMABLE UNIJUNCTION TRANSISTORS
2N4949 NJSEMI-2N4949 Datasheet
179Kb / 2P
   SILICON ANNULAR UNIJUNCTION TRANSISTORS
logo
Central Semiconductor C...
2N6027 CENTRAL-2N6027_15 Datasheet
522Kb / 3P
   SILICON PROGRAMMABLE UNIJUNCTION TRANSISTORS
logo
New Jersey Semi-Conduct...
2N4851 NJSEMI-2N4851 Datasheet
165Kb / 1P
   SILICON ANNULAR UNIJUNCTION TRANSISTORS
MU4891 NJSEMI-MU4891 Datasheet
90Kb / 2P
   SILICON ANNULAR PLASTIC UNIJUNCTION TRANSISTORS
2N4948 NJSEMI-2N4948 Datasheet
104Kb / 1P
   UNIJUNCTION TRANSISTORS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com