データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZOLED043A データシート(PDF) 10 Page - AZ Displays

部品番号 AZOLED043A
部品情報  SPECIFICATIONS FOR OLED DISPLAY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AZDISPLAYS [AZ Displays]
ホームページ  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

AZOLED043A データシート(HTML) 10 Page - AZ Displays

Back Button AZOLED043A Datasheet HTML 6Page - AZ Displays AZOLED043A Datasheet HTML 7Page - AZ Displays AZOLED043A Datasheet HTML 8Page - AZ Displays AZOLED043A Datasheet HTML 9Page - AZ Displays AZOLED043A Datasheet HTML 10Page - AZ Displays AZOLED043A Datasheet HTML 11Page - AZ Displays AZOLED043A Datasheet HTML 12Page - AZ Displays AZOLED043A Datasheet HTML 13Page - AZ Displays AZOLED043A Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
5. Pin Description
Pin No Symbol
I/O
Description
Remark
1
TP1
I
Touch panel P1
2
TP2
I
Touch panel P2
3
TP3
I
Touch panel P3.
4
TP4
I
Touch panel P4
5
AR_VSS
I
Negative voltage for OLED
6
AR_VSS
I
Negative voltage for OLED
7
TEST1_VS open CMEL test pin, it must be open.
8
AR_VDD
I
Positive voltage for OLED
9
AR_VDD
I
Positive voltage for OLED
10
TEST2_VD open CMEL test pin, it must be open.
11
ARREF
I/O
Panel refers voltage of the regulator ARREF or external input
voltage.(-8V~+8V)
12
VGL
I/O
Low Voltage output of regulator VGL or external input voltage.(-3V~-8V)
13
VGH
I/O
High Voltage output of regulator VGH or external input voltage.(+3V~+8V)
14
LVO
I/O
Negative output voltage of the booster2. (-8.5V)
15
C22N
I/O
16
C22P
I/O
Connect to the step-up circuit, capacitors according to the step-up factor.
Leave this pin open if the internal step-up circuit is not used.
17
HVO
I/O
Positive output voltage of the booster2. (8.5V)
18
C21P
I/O
19
C21N
I/O
Connect to the step-up circuit, capacitors according to the step-up factor.
Leave this pin open if the internal step-up circuit is not used.
20
C11N
I/O
21
C11P
I/O
22
C12N
I/O
23
C12P
I/O
Connect to the step-up circuit, capacitors according to the step-up factor.
Leave this pin open if the internal step-up circuit is not used.
24
PVSS
P
Charge pump ground pin, it must connect to external ground.
25
DDVDH
I/O
Output voltage of the booster1. (5.1V/6.0V)
26
VSSA
P
Analog ground pin. It must connect to external ground.
27
VSSA
P
Analog ground pin. It must connect to external ground.
28
VCI
P
A power supply for the Analog circuit. (3.0V~3.6V)
29
VCI
P
A power supply for the Analog circuit. (3.0V~3.6V)
30
VGAM1OUT I/O
Output voltage of the VGAM1OUT regulator and used positive powerof
source driver. (4.8V/5.8V)
31
I/O
Internal logic voltage input or output pin
VDC_ENB=0, VDDD is output, please connect to 1uF capacitor.
VDC0
VDDD
Status
0
1.8
Norml display
1
2.5
OTP program
AZ DISPLAYS, INC.
PAGE 10 OF 25
5.1 J301 OLED LCD Panel I/O Terminals (FPC 71 Pin Below Contact Type)


同様の部品番号 - AZOLED043A

メーカー部品番号データシート部品情報
logo
AZ Displays
AZOLED034A AZDISPLAYS-AZOLED034A Datasheet
7Mb / 23P
   SPECIFICATIONS FOR OLED DISPLAY
AZOLED034A-T AZDISPLAYS-AZOLED034A-T Datasheet
7Mb / 23P
   SPECIFICATIONS FOR OLED DISPLAY
More results

同様の説明 - AZOLED043A

メーカー部品番号データシート部品情報
logo
AZ Displays
AZOLED034A AZDISPLAYS-AZOLED034A Datasheet
7Mb / 23P
   SPECIFICATIONS FOR OLED DISPLAY
logo
Newhaven Display Intern...
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
   OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
   OLED Display Module
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
   OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
   OLED Display Module
logo
Crystalfontz America, I...
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
   OLED DISPLAY MODULE
CFAL128128A0-015W CRYSTAIFONTZ-CFAL128128A0-015W Datasheet
443Kb / 13P
   OLED DISPLAY MODULE
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
   OLED DISPLAY MODULE
logo
Newhaven Display Intern...
NHD-0216SZW-BG5 NEWHAVEN-NHD-0216SZW-BG5 Datasheet
558Kb / 21P
   OLED Display Module
NHD-0216SZW-BY5 NEWHAVEN-NHD-0216SZW-BY5 Datasheet
558Kb / 21P
   OLED Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com